Electronic Components Datasheet Search |
|
OPT-1250B4Q1AH Datasheet(PDF) 2 Page - Delta Electronics, Inc. |
|
OPT-1250B4Q1AH Datasheet(HTML) 2 Page - Delta Electronics, Inc. |
2 / 10 page OPT-1250xxxx Series DELTA ELECTRONICS, INC. 2 Sep., 2006 Rev. 0G www.deltaww.com Absolute Maximum Ratings Parameter Symbol Min. Typ. Max. Unit Note Storage Temperature Ts -40 85 ºC Lead Soldering Temperature TSOLD 260 ºC Lead Soldering Time tSOLD 10 sec. Supply Voltage VCC 0 6 V Recommended Operating Conditions Parameter Symbol Min. Typ. Max. Unit Note Ambient Operating Temperature TA 0 70 ºC 1 Supply Voltage OPT-1250x1xx OPT-1250x2xx, OPT-1250x4xx VCC 4.75 3.135 5.25 3.465 V Note: See ordering information for detail Electrical Characteristics (At recommended ambient operating temperature, TA and supply voltage, VCC) Parameter Symbol Min. Typ. Max. Unit Note Total Supply Current ICCT 300 mA Transmitter Transmitter Data Input Voltage-Low VIL-VCC -1.810 -1.475 V 1 Transmitter Data Input Voltage-High VIH-VCC -1.165 -0.880 V 1 Transmitter Differential Input Voltage VDT 0.3 1.6 V 2 Receiver Data Output Voltage-Low VOL-VCC -1.95 -1.62 V 1 Data Output Voltage-High VOH-VCC -1.045 -0.74 V 1 Receiver Differential Output Voltage VDR 0.5 0.7 1.2 V 2 Output Data Rise/Fall Time tr/tf 0.4 ns 3 PECL SD Output LOW level output voltage HIGH level output voltage VSDH-VCC VSDL-VCC -1.84 -1.1 -1.60 -0.9 V 4 TTL SD Output LOW level output voltage HIGH level output voltage VSDH VSDL 2 0 VCC 0.8 V 5 Notes: 1. For OPT-1250A1F1x, OPT-1250A4F1x, OPT-1250B2I1x, OPT-1250B2Q1x and OPT-1250B1Q1x. 2. For OPT-1250A2F2x and OPT-1250B4Q2x. 3. These are 20%~80% values 4. For OPT-1250A1F1x, OPT-1250A2F2x, OPT-1250B2I1x, OPT-1250B1Q1x and OPT-1250B2Q1x 5. For OPT-1250A4F1x and OPT-1250B4Q2x |
Similar Part No. - OPT-1250B4Q1AH |
|
Similar Description - OPT-1250B4Q1AH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |