Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

A3989 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. A3989
Description  Bipolar Stepper and High Current DC Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3989 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3989 Datasheet HTML 1Page - Allegro MicroSystems A3989 Datasheet HTML 2Page - Allegro MicroSystems A3989 Datasheet HTML 3Page - Allegro MicroSystems A3989 Datasheet HTML 4Page - Allegro MicroSystems A3989 Datasheet HTML 5Page - Allegro MicroSystems A3989 Datasheet HTML 6Page - Allegro MicroSystems A3989 Datasheet HTML 7Page - Allegro MicroSystems A3989 Datasheet HTML 8Page - Allegro MicroSystems A3989 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Bipolar Stepper and High Current DC Motor Driver
A3989
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ELECTRICAL CHARACTERISTICS1, valid at TA = 25 °C, VBB = 36 V, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Load Supply Voltage Range
VBB
Operating
8.0
36
V
Logic Supply Voltage Range
VDD
Operating
3.0
5.5
V
VDD Supply Current
IDD
7
10
mA
Output On Resistance (dc motor driver)
RDS(on)dc
Source driver, IOUT = –1. A, TJ = 5°C
350
450
Sink driver, IOUT = 1. A, TJ = 5°C
350
450
Output On Resistance (stepper motor
driver)
RDS(on)st
Source driver, IOUT = –1. A, TJ = 5°C
700
800
Sink driver, IOUT = 1. A, TJ = 5°C
700
800
Vf, Outputs
IOUT = 1. A
1.
V
Output Leakage
IDSS
Outputs, VOUT = 0 to VBB
–0
0
µA
VBB Supply Current
IBB
IOUT = 0 mA, outputs on, PWM = 50 kHz,
DC = 50%
8
mA
Control Logic
Logic Input Voltage
VIN(1)
0.7×VDD
V
VIN(0)
0.3×VDD
V
Logic Input Current
IIN
VIN = 0 to 5 V
–0
<1.0
0
µA
Input Hysteresis
Vhys
150
300
500
mV
Propagation Delay Times
tpd
PWM change to source on
350
550
1000
ns
PWM change to source off
35
300
ns
PWM change to sink on
350
550
1000
ns
PWM change to sink off
35
50
ns
Crossover Delay
tCOD
300
45
1000
ns
Blank Time (dc motor driver)
tBLANKdc
.5
3.
4
µs
Blank Time (stepper motor driver)
tBLANKst
0.7
1
1.3
µs
VREFx Pin Input Voltage Range
VREFx
Operating
0.0
1.5
V
VREFx Pin Reference Input Current
IREF
VREF = 1.5
±1
μA
Current Trip-Level Error3
VERR
VREF = 1.5, phase current = 100%
–5
5
%
VREF = 1.5, phase current = 67%
–5
5
%
VREF = 1.5, phase current = 33%
–15
15
%
Protection Circuits
VBB UVLO Threshold
VUV(VBB)
VBB rising
7.3
7.6
7.9
V
VBB Hysteresis
VUV(VBB)hys
400
500
600
mV
VDD UVLO Threshold
VUV(VDD)
VDD rising
.65
.8
.95
V
VDD Hysteresis
VUV(VDD)hys
75
105
15
mV
Thermal Shutdown Temperature
TJTSD
155
165
175
°C
Thermal Shutdown Hysteresis
TJTSDhys
15
°C
1
For input and output current specifications, negative current is defined as coming out of (sourcing) the specified device pin.

Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for indi-
vidual units, within the specified maximum and minimum limits.
3
VERR = [(VREF/3) – VSENSE] / (VREF/3).
DC Control Logic
PHASE
ENABLE
MODE
OUTA
OUTB
Function
1
1
1
H
L
Forward (slow decay SR)
1
1
0
H
L
Forward (fast decay SR)
0
1
1
L
H
Reverse (slow decay SR)
0
1
0
L
H
Reverse (fast decay SR)
X
0
1
L
L
Brake (slow decay SR)
1
0
0
L
H
Fast decay SR*
0
0
0
H
L
Fast decay SR*
* To prevent reversal of current during fast decay SR – the outputs will go to the high impedance state as the current gets near zero.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn