Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3992SBT- Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3992SBT-
Description  DMOS Dual Full-Bridge Microstepping PWM Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3992SBT- Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3992SBT- Datasheet HTML 1Page - Allegro MicroSystems A3992SBT- Datasheet HTML 2Page - Allegro MicroSystems A3992SBT- Datasheet HTML 3Page - Allegro MicroSystems A3992SBT- Datasheet HTML 4Page - Allegro MicroSystems A3992SBT- Datasheet HTML 5Page - Allegro MicroSystems A3992SBT- Datasheet HTML 6Page - Allegro MicroSystems A3992SBT- Datasheet HTML 7Page - Allegro MicroSystems A3992SBT- Datasheet HTML 8Page - Allegro MicroSystems A3992SBT- Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
Designed for pulse width modulated (PWM) current control of
bipolar microstepped stepper motors, the A3992 is capable of
continuous output currents to ±1.5 A and operating voltages to
50 V. Internal fixed off-time PWM current control timing circuitry
can be programmed via the serial interface to operate in slow, fast,
or mixed decay modes.
The desired load current level is set via the serial port with two
six bit linear DACs in conjunction with a reference voltage. The
six bits of control allow maximum flexibility in torque control for
a variety of step methods, from microstepping to full step drive.
Load current is set in 1.56% increments of the maximum value.
Synchronous rectification circuitry allows the load current to flow
through the low RDS(on) of the DMOS output driver during current
decay. This feature eliminates the need for external clamp diodes
in most applications, saving cost and external component count,
while minimizing power dissipation.
Internal circuit protection includes short-to-ground, shorted load,
thermalshutdownwithhysteresis,andcrossovercurrentprotection.
Special power up sequencing is not required.
The A3992 is supplied in a thin profile (1.2 mm maximum height)
24 pin TSSOP (suffix LP) with exposed thermal pad and a 24 pin
plastic DIP with dual copper batwing tabs (suffix B). The exposed
thermal pad on the LPis at ground potential and needs no electrical
isolation. Both packages are lead (Pb) free with 100% matte tin
leadframe plating.
3992DS
Features and Benefits
▪ ±1.5 A, 50 V continuous output rating
▪ Low RDS(on) DMOS output drivers
▪ Short-to-ground protection
▪ Shorted load protection
▪ Optimized microstepping via six bit linear DACs
▪ Programmable mixed, fast, and slow current decay modes
▪ 4 MHz internal oscillator for digital timing
▪ Serial interface controls chip functions
▪ Synchronous rectification for low power dissipation
▪ Internal UVLO and thermal shutdown circuitry
▪ Crossover-current protection
▪ Inputs compatible with 5 or 3.3 V control signals
▪ Sleep and Idle modes
DMOS Dual Full-Bridge Microstepping PWM Motor Driver
Packages
Typical Application
LP package approximate scale
A3992
24 pin batwing DIP (suffix B) and 24 pin TSSOP with
exposed thermal pad (suffix LP)
Microcontroller or
Controller Logic
CLOCK
ROSC
VDD
VREG
CP1
CP2
VCP
VBB1
VBB2
OUT1A
OUT1B
SENSE1
SENSE2
OUT2A
OUT2B
DATA
STROBE
REF
SLEEP
A3992
0.22 μF
0.22 μF
100 μF
0.1 μF
0.1 μF
0.22 μF
10 μF
5 kΩ


Similar Part No. - A3992SBT-

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3992 ALLEGRO-A3992_13 Datasheet
549Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
More results

Similar Description - A3992SBT-

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3992 ALLEGRO-A3992_13 Datasheet
549Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3973SLB-T ALLEGRO-A3973SLB-T Datasheet
364Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3973 ALLEGRO-A3973 Datasheet
364Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
3972 ALLEGRO-3972 Datasheet
190Kb / 12P
   DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
3973 ALLEGRO-3973 Datasheet
201Kb / 12P
   DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
December 1, 2000
A3972SB-T ALLEGRO-A3972SB-T Datasheet
282Kb / 11P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
logo
Shindengen Electric Mfg...
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018F SHINDENGEN-MTD2018F Datasheet
91Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com