Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

A3995 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. A3995
Description  DMOS Dual Full Bridge PWM Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3995 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3995 Datasheet HTML 1Page - Allegro MicroSystems A3995 Datasheet HTML 2Page - Allegro MicroSystems A3995 Datasheet HTML 3Page - Allegro MicroSystems A3995 Datasheet HTML 4Page - Allegro MicroSystems A3995 Datasheet HTML 5Page - Allegro MicroSystems A3995 Datasheet HTML 6Page - Allegro MicroSystems A3995 Datasheet HTML 7Page - Allegro MicroSystems A3995 Datasheet HTML 8Page - Allegro MicroSystems A3995 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DMOS Dual Full Bridge PWM Motor Driver
A3995
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ENB
PH
MODE
OUTA
OUTB
I
OUT
V
BB
V
BB
1
2
3
4
1
V
BB
0 V
VBB
0 V
2
3
4
5
6
7
6
7
8
9
9
8
A
A
Charge Pump and VREG Power-up Delay ( 200 µs)
OutB
OutA
OutA
OutB
5
0 A
Logic Timing Diagram, DC Driver


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
A3988 Quad DMOS Full Bridge PWM Motor Driver 1  2  3  4  5  More Allegro MicroSystems
L6225_03 DMOS DUAL FULL BRIDGE DRIVER 1  2  3  4  5  More STMicroelectronics
3974_1 DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
A3992 DMOS Dual Full-Bridge Microstepping PWM Motor Driver 1  2  3  4  5  More Allegro MicroSystems
L6219 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Unisonic Technologies
3964_00 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
3966_03 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
3958_02 DMOS FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
3968_03 DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE 1  2  3  4  5  More Allegro MicroSystems
2916_07 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn