Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

A3995 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part No. A3995
Description  DMOS Dual Full Bridge PWM Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3995 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3995 Datasheet HTML 1Page - Allegro MicroSystems A3995 Datasheet HTML 2Page - Allegro MicroSystems A3995 Datasheet HTML 3Page - Allegro MicroSystems A3995 Datasheet HTML 4Page - Allegro MicroSystems A3995 Datasheet HTML 5Page - Allegro MicroSystems A3995 Datasheet HTML 6Page - Allegro MicroSystems A3995 Datasheet HTML 7Page - Allegro MicroSystems A3995 Datasheet HTML 8Page - Allegro MicroSystems A3995 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMOS Dual Full Bridge PWM Motor Driver
A3995

Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Load Supply Voltage
VBB
-0.5 to 36
V
Pulsed tw < 1 µs
38
V
Logic Supply Voltage
VDD
–0.4 to 7
V
Output Current*
IOUT
Continuous
.4
A
Pulsed tw < 1µs
3.5
A
Logic Input Voltage Range
VIN
–0.3 to 7
V
SENSEx Pin Voltage
VSENSEx
0.5
V
Pulsed tw < 1µs
.5
V
VREFx Pin Voltage
VREFx
.5
V
Operating Temperature Range
TA
Range S
–0 to 85
ºC
Junction Temperature
TJ(max)
150
ºC
Storage Temperature Range
Tstg
–55 to 150
ºC
* May be limited by duty cycle, ambient temperature, and heat sinking. Under any set of conditions, do not exceed the specified current rating or a
Junction Temperature of 150°C.
Thermal Characteristics (may require derating at maximum conditions)
5500
5000
4500
4000
3500
3000
2500
2000
1500
1000
500
0
25
50
75
100
125
150
175
Temperature (°C)
Power Dissipation versus Ambient Temperature
(R JA = 27 ºC/W)
EV Package
4-layer PCB
Selection Guide
Part Number
Packing
A3995SEV-T
61 pieces per tube
A3995SEVTR-T
1500 pieces per reel
Characteristic
Symbol
Test Conditions
Min. Units
Package Thermal Resistance
RθJA
EV package, 4 layer PCB based on JEDEC standard
7
ºC/W


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
A3988 Quad DMOS Full Bridge PWM Motor Driver 1  2  3  4  5  More Allegro MicroSystems
L6225_03 DMOS DUAL FULL BRIDGE DRIVER 1  2  3  4  5  More STMicroelectronics
3974_1 DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
A3992 DMOS Dual Full-Bridge Microstepping PWM Motor Driver 1  2  3  4  5  More Allegro MicroSystems
L6219 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Unisonic Technologies
3964_00 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
3966_03 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
3958_02 DMOS FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
3968_03 DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE 1  2  3  4  5  More Allegro MicroSystems
2916_07 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn