Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6276ELPTR-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A6276ELPTR-T
Description  16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIV ER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6276ELPTR-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A6276ELPTR-T Datasheet HTML 5Page - Allegro MicroSystems A6276ELPTR-T Datasheet HTML 6Page - Allegro MicroSystems A6276ELPTR-T Datasheet HTML 7Page - Allegro MicroSystems A6276ELPTR-T Datasheet HTML 8Page - Allegro MicroSystems A6276ELPTR-T Datasheet HTML 9Page - Allegro MicroSystems A6276ELPTR-T Datasheet HTML 10Page - Allegro MicroSystems A6276ELPTR-T Datasheet HTML 11Page - Allegro MicroSystems A6276ELPTR-T Datasheet HTML 12Page - Allegro MicroSystems A6276ELPTR-T Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
6276
16-BIT SERIAL-INPUT,
CONSTANT-CURRENT
LATCHED LED DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
9
ALLOWABLE OUTPUT CURRENT AS A FUNCTION OF DUTY CYCLE (cont.)
A6276ELP
0
20
DUTY CYCLE IN PER CENT
100
0
60
40
20
40
60
100
80
VCE =1V
VCE =2V
VCE =3V
VCE =4V
80
TA =+25ı°C
VDD =5V
RˇθJA =40ı°C/W
0
20
DUTY CYCLE IN PER CENT
100
0
60
40
20
40
60
100
80
VCE =1V
VCE =2V
TA = +50ı°C
VDD =5V
RˇθJA = 40ı°C/W
VCE =3V
VCE =4V
80


Similar Part No. - A6276ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6276ELW ALLEGRO-A6276ELW Datasheet
190Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
A6276ELW ALLEGRO-A6276ELW Datasheet
154Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
A6276ELWTR-T ALLEGRO-A6276ELWTR-T Datasheet
567Kb / 13P
   16-Bit Serial Input, Constant-Current Latched LED Driver
More results

Similar Description - A6276ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6276 ALLEGRO-6276 Datasheet
154Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
A6276SA ALLEGRO-A6276SA Datasheet
567Kb / 13P
   16-Bit Serial Input, Constant-Current Latched LED Driver
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
6276 ALLEGRO-6276 Datasheet
190Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
A6278 ALLEGRO-A6278_07 Datasheet
652Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
A6278 ALLEGRO-A6278 Datasheet
621Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
6277 ALLEGRO-6277 Datasheet
203Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
July 20, 2000
6275 ALLEGRO-6275 Datasheet
179Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com