Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88982L Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88982L
Description  3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88982L Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88982L Datasheet HTML 1Page - Micrel Semiconductor SY88982L Datasheet HTML 2Page - Micrel Semiconductor SY88982L Datasheet HTML 3Page - Micrel Semiconductor SY88982L Datasheet HTML 4Page - Micrel Semiconductor SY88982L Datasheet HTML 5Page - Micrel Semiconductor SY88982L Datasheet HTML 6Page - Micrel Semiconductor SY88982L Datasheet HTML 7Page - Micrel Semiconductor SY88982L Datasheet HTML 8Page - Micrel Semiconductor SY88982L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
SY88982L
April 2005
3
M9999-0414505
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Name
Pin Number
Pin Function
1, 4, 7, 8, 13
GND
Ground. Ground and exposed pad must be connected to the plane of the most
negative potential.
2DIN+
Non-inverting data input. Internally terminated with 50 to a reference voltage.
3DIN–
Inverting data input. Internally terminated with 50 to a reference voltage.
5, 6
VCC
Supply Voltage. Bypass with a 0.1 F//0.01 F low ESR capacitor as close to VCC
pin as possible.
9, 10
MOD–
Inverted modulation current output. Outputs modulation current when input data is
negative.
11, 12
MOD+
Non-inverted modulation current output. Outputs modulation current when input
data is positive.
14
VREF
Reference Voltage. Install a 0.1 F capacitor between VREF and VCC.
15
IM_SET
Modulation current setting and control. The voltage applied to this pin will set the
modulation current. To be connected to the MIC3000/1 pin 24 (VMOD+). Input
impedance 25K .
16
/EN
A low level signal on this pin will enable the output stage of the driver. Internally
pulled down with 75K .
Truth Table
DIN+
DIN-
/EN
MOD+
(1)
MOD-
Laser Output
(2)
LH
L
H
L
L
HL
L
L
H
H
XX
H
H
L
L
Notes:
1. IMOD = 0 when MOD+ = H.
2. Assuming that the laser is tied to MOD+.


Similar Part No. - SY88982L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88982L MICREL-SY88982L Datasheet
749Kb / 10P
   3.3V, 2.7Gbps High-Current, Low-Power
SY88982LMGTR MICREL-SY88982LMGTR Datasheet
749Kb / 10P
   3.3V, 2.7Gbps High-Current, Low-Power
SY88982L MICREL-SY88982L_10 Datasheet
749Kb / 10P
   3.3V, 2.7Gbps High-Current, Low-Power
More results

Similar Description - SY88982L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY84782U MICREL-SY84782U_15 Datasheet
444Kb / 10P
   Low Power 2.5V 1.25Gbps FP/DFB Laser Diode Driver
SY88982L MICREL-SY88982L_10 Datasheet
749Kb / 10P
   3.3V, 2.7Gbps High-Current, Low-Power
SY84782U MICREL-SY84782U Datasheet
300Kb / 9P
   Low Power 2.5V 1.25Gbps FP/DFB Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3850 MAXIM-MAX3850 Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
   DFB Laser Fabry-Perot Lasers
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Agere Systems
A1112 AGERE-A1112 Datasheet
53Kb / 6P
   A1112 High-Power 1550 nm DFB Source Lasers
logo
Maxim Integrated Produc...
MAX3735 MAXIM-MAX3735 Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Drivers
19-2529; Rev 1; 4/03
logo
Micrel Semiconductor
SY88782L MICREL-SY88782L Datasheet
574Kb / 8P
   3.3V, 1.25 Gbps HIgh Current, Low Power Laser Driver for Datacom Telecom Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com