Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA7076MR Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # SLA7076MR
Description  Motor Driver IC Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7076MR Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button SLA7076MR Datasheet HTML 4Page - Allegro MicroSystems SLA7076MR Datasheet HTML 5Page - Allegro MicroSystems SLA7076MR Datasheet HTML 6Page - Allegro MicroSystems SLA7076MR Datasheet HTML 7Page - Allegro MicroSystems SLA7076MR Datasheet HTML 8Page - Allegro MicroSystems SLA7076MR Datasheet HTML 9Page - Allegro MicroSystems SLA7076MR Datasheet HTML 10Page - Allegro MicroSystems SLA7076MR Datasheet HTML 11Page - Allegro MicroSystems SLA7076MR Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SLA7075M, SLA7076M,
SLA7077M, and SLA7078M
Motor Driver ICs
8
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
PWM Current Control
The description in this section is applicable to the PR and R
products.
• Blanking time
The actual operating waveforms on the SENSEx pins when
driving a motor are shown in figure 1. Immediately after PWM
turns OFF, ringing (or spike) noise on the SENSEx pins is ob-
served for a few μs. Ringing noise can be generated by various
causes, such as capacitance between motor coils and inappropri-
ate motor wiring.
Each pair of outputs is controlled by a fixed off-time (7 to
12 μs, depending on stepping mode) PWM current-control cir-
cuit that limits the load current to a desired value, ITRIP. Initially,
an output is enabled and current flows through the motor wind-
ing and the current-sense resistors. When the voltage across the
current-sense resistor equals the DAC output voltage, VTRIP, the
current-sense comparator resets the PWM latch. This turns off
the driver for the fixed off-time, during which the load induc-
tance causes the current to recirculate for the off-time period.
Therefore, if the ringing noise on the sense resistor equals and
surpasses VTRIP, PWM turns off.
To prevent this phenomenon, the blanking time is set to
override signals from the current-sense comparator for a certain
period right after PWM turns on (figure 2).
FUNCTIONAL DESCRIPTION
Figure 1. Operating waveforms on the SENSEx pins during PWM chopping
Out
Out
0
5 μs/Div.
500
Expanded Time Scale
Figure 2. SENSEx pins pattern during PWM control
tON
Blanking Time
A
A
0
ITRIP
tOFF
(Fixed)
PWM Pulse Width
ITRIP
tt


Similar Part No. - SLA7076MR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7076MR SANKEN-SLA7076MR Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
More results

Similar Description - SLA7076MR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com