Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-78A1.5-0.5SMD Datasheet(PDF) 2 Page - Recom International Power

Part # R-78A1.5-0.5SMD
Description  0.5 AMP SMD Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78A1.5-0.5SMD Datasheet(HTML) 2 Page - Recom International Power

  R-78A1.5-0.5SMD Datasheet HTML 1Page - Recom International Power R-78A1.5-0.5SMD Datasheet HTML 2Page - Recom International Power R-78A1.5-0.5SMD Datasheet HTML 3Page - Recom International Power R-78A1.5-0.5SMD Datasheet HTML 4Page - Recom International Power R-78A1.5-0.5SMD Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Characteristics
Conditions
Min.
Typ.
Max.
Input Voltage Range (Note 1)
See Table
4.75
34.0V
Output Voltage Range
See Table
1.5
15V
Output Current
All Series
0
500mA
Output Current Limit
All Series
2000mA
Short Circuit Input Current
All Series
25mA
Internal Power Dissipation
0.4W
Short Circuit Protection
Continuous, automatic recovery
Output Voltage Accuracy (At 100% Load)
All Series
±2
±3%
Adjustable Voltage Range
See Table 1
±50%
Line Voltage Regulation (Vin = min. to max. at full load)
1.5V to 6.5V
0.2
0.4%
9V to 15V
0.1
0.2%
Load Regulation (10 to 100% full load)
1.5V to 6.5V
0.7
1.0%
9V to 15V
0.25
0.4%
Dynamic Load Stability
100% <-> 50% load
±75V
100% <-> 10% load
±100mV
Ripple & Noise (without Output Capacitor)
1.5V to 6.5V
20mVp-p
30mVp-p
9V to 15.5V
30mVp-p
40mVp-p
Temperature Coefficient
-40°C ~ +85°C ambient
0.015%/°C
Max capacitance Load
220µF
Switching Frequency
280
330
380kHz
Quiescent Current
Vin = min. to max. at 0% load
5
7mA
Shutdown Input Current
20
35uA
Remote On/Off Threshold Voltage
0.8
1.2
1.6V
ON/OFF Remote Control
ON: Open or 1.6<Vr<5V, OFF: GND or 0<Vr<1.6V
Ir=1.8uA typ.
Operating Temperature Range (with derating)
-40°C
+85°C
Switch On/Off Time
(using Remote On/Off Control)
50ms
Operating Case Temperature
+100°C
Storage Temperature Range
-55°C
+125°C
Case Thermal Impendance
70°C / W
Thermal Shutdown
Internal IC junction
+160°C
Package Weight
2.7g
MTBF (+25°C)
using MIL-HDBK 217F
21098 x 10³ hours
.
(+71°C)
4214 x 10³ hours
R-78Axx-0.5 SMD
Series
Specifications ( typical at 25°C, 10% minimum load, unless otherwise specified )
INNOLINE
DC/DC-Converter
Standard Application Circuit
R-78Axx-0.5SMD
-Vout
+Vout
+Vin
-Vin
Cin
10µF
(Vin>28V)
1,2
10 3,7,8,9
6
4,5
R1
R2
On/Off
Use input capacitor if Vin>28VDC.
}DetailedInformationsee
Application Notes chapter "MTBF"
Add a blocking diode to
Vout if current can flow
backwards into the out-
put, as this can damage
the converter..
See Application
Examples for details.
27-March-2007
www.recom-international.com
144


Similar Part No. - R-78A1.5-0.5SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78A1.8-1.0SMD RECOM-R-78A1.8-1.0SMD Datasheet
148Kb / 4P
   1.0 AMP SMD Single Output
More results

Similar Description - R-78A1.5-0.5SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78AA-0.5 RECOM-R-78AA-0.5 Datasheet
120Kb / 5P
   0.5 AMP SMD Single Output
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
   0.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
   0.5 AMP SIP3 Wired Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com