Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-78A2.5-1.0SMD Datasheet(PDF) 4 Page - Recom International Power

Part # R-78A2.5-1.0SMD
Description  1.0 AMP SMD Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78A2.5-1.0SMD Datasheet(HTML) 4 Page - Recom International Power

  R-78A2.5-1.0SMD Datasheet HTML 1Page - Recom International Power R-78A2.5-1.0SMD Datasheet HTML 2Page - Recom International Power R-78A2.5-1.0SMD Datasheet HTML 3Page - Recom International Power R-78A2.5-1.0SMD Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.0Adc
R-78A1.8-1.0SMD
R-78A2.5-1.0SMD
R-78A3.3-1.0SMD
R-78A5.0-1.0SMD
Vout (nom.)
1.8Vdc
2.5Vdc
3.3Vdc
5.0Vdc
Vout (adj)
R1
R2
R1
R2
R1
R2
R1
R2
1.5 (V)
3K
200
1.8 (V)
12K
770
2.5 (V)
12K
21K
5.6K
3.0 (V)
4.7K
50K
88.4K
17K
3.3 (V)
2.7K
29K
27K
3.6 (V)
19.4K
69K
42K
3.9 (V)
14k
30.5K
58K
4.5 (V)
8k
12.1k
180K
4.9 (V)
7.k6
850K
5.0 (V)
6.8k
5.1 (V)
6.2k
540k
5.5 (V)
4k
71k
11.80
Bottom View
0.55
Top View
15.24
7.05
14.84
2.54x4
9.00
1.65
10
7
2
4 5
10.00
9.00
9.30
8.60
RECOM
R-78Axx-1.0SMD
xxxx
1
2.54
13.00
1.80
10
7
24
15
1.20
1.20
3
6
8
9
3
6
8
9
Package Style and Pinning (mm)
3rd angle
projection
SMD 10Pin Package
Pin Connections
Pin #
1,2
+Vin
3,7,8,9
GND
4,5
+Vout
6
V adj
10
Remote On/Off
xx.x ±0.5mm
xx.xx ±0.25mm
Table 1: Adjustment Resistor Values
INNOLINE
DC/DC-Converter
R-78Axx-1.0 SMD
Series
Recommended Footprint Details
04-April-2007
www.recom-international.com
154


Similar Part No. - R-78A2.5-1.0SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78A2.5-0.5SMD RECOM-R-78A2.5-0.5SMD Datasheet
114Kb / 5P
   0.5 AMP SMD Single Output
More results

Similar Description - R-78A2.5-1.0SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78AA-1.0 RECOM-R-78AA-1.0 Datasheet
115Kb / 4P
   1.0 AMP SMD Single Output
R-78T-1.0 RECOM-R-78T-1.0 Datasheet
122Kb / 4P
   1.0 AMP SMD Single Output
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
R-78E-1.0 RECOM-R-78E-1.0 Datasheet
311Kb / 3P
   1.0 AMP SIP3 Single Output
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
   1.0 Amp SIP3 Single Output
REV.: 0/2023
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-781.8-1.0 RECOM-R-781.8-1.0 Datasheet
101Kb / 3P
   1.0 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com