Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-78B5.0-1.5 Datasheet(PDF) 2 Page - Recom International Power

Part # R-78B5.0-1.5
Description  1.5 AMP SIP3 Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B5.0-1.5 Datasheet(HTML) 2 Page - Recom International Power

  R-78B5.0-1.5 Datasheet HTML 1Page - Recom International Power R-78B5.0-1.5 Datasheet HTML 2Page - Recom International Power R-78B5.0-1.5 Datasheet HTML 3Page - Recom International Power R-78B5.0-1.5 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.recom-international.com
13-February-2007
Characteristics
Conditions
Min.
Typ.
Max.
Input Voltage Range
All Series, see Selection Guide
4.75
18.0V
Output Voltage Range (for customized parts)
All Series
1.5
6.5V
Output Current (see Note 1)
All Series
0
1500mA
Output Current Limit
All Series
5000mA
Short Circuit Input Current
All Series
60
80mA
Internal Power Dissipation
0.65W
Short Circuit Protection
Continuous, automatic recovery
Output Voltage Accuracy (At 100% Load)
All Series
±2
±3%
Line Voltage Reguölation (Vin = min. to max. at full load)
All Series
0.2
0.4%
Load Regulation (10% to 100% full load)
All Series
20
25mV
Dynamic Load Stability (with Output Capacitor=100µF)
100% <-> 50% load
±80
±120mV
Transient Recovery Time
1.0
1.5ms
Ripple & Noise (10% to 100% full load)
All Series
15
30mVp-p
Temperature Coefficient
-40°C ~ +85°C ambient
0.015%/°C
Max capacitance Load
1000µF
Switching Frequency
300
340
380kHz
Quiescent Current
Vin = min. to max. at 0% load
7
9mA
Input Reflected Ripple Current
All Series
150
200mAp-p
Operating Temperature Range
-40°C
+85°C
Operating Case Temperature
+100°C
Storage Temperature Range
-55°C
+125°C
Case Thermal Impendance
60°C / W
Thermal Shutdown
Internal IC junction
+160°C
Relative Humidity
95% RH
Case Material
Epoxy with Non-Conductive Plastic Case(UL94V-0)
Package Weight
4g
MTBF (+25°C)
using MIL-HDBK 217F
3250 x 10³ hours
.
(+71°C)
using MIL-HDBK 217F
1059 x 10³ hours
Note 1: The converter requires a minimum load of 6mA to start up properly. Once started, the load can be reduced to 0%
R-78Bxx-1.5
(L) Series
Specifications (refer to the standard application circuit, Ta: 25°C, minimum load = 10%)
INNOLINE
DC/DC-Converter
Standard Application Circuit
R-78Bxx-1.5
-Vout
+Vout
+Vin
-Vin
100µF
(Option)
C1
} DetailedInformationsee
Application Notes chapter "MTBF"
Add a blocking diode to
Vout if current can flow
backwards into the out-
put, as this can damage
the converter.


Similar Part No. - R-78B5.0-1.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78B5.0-1.5 RECOM-R-78B5.0-1.5 Datasheet
91Kb / 4P
   1.5 AMP SIP3 Single Output
More results

Similar Description - R-78B5.0-1.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78B-1.5 RECOM-R-78B-1.5 Datasheet
91Kb / 4P
   1.5 AMP SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com