Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89829U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89829U
Description  2.5V/3.3V HIGH-PERFORMANCE, DUAL 1:10 OR LVPECL CLOCK DRIVER w/ INTERNAL TERMINATION AND REDUNDANT SWITCHOVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89829U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89829U Datasheet HTML 1Page - Micrel Semiconductor SY89829U Datasheet HTML 2Page - Micrel Semiconductor SY89829U Datasheet HTML 3Page - Micrel Semiconductor SY89829U Datasheet HTML 4Page - Micrel Semiconductor SY89829U Datasheet HTML 5Page - Micrel Semiconductor SY89829U Datasheet HTML 6Page - Micrel Semiconductor SY89829U Datasheet HTML 7Page - Micrel Semiconductor SY89829U Datasheet HTML 8Page - Micrel Semiconductor SY89829U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Precision Edge®
SY89829U
Micrel, Inc.
M9999-011907
hbwhelp@micrel.com or (408) 955-1690
LOGIC SYMBOL
0
1
LVDS_CLKA
/LVDS_CLKA
LVPECL_CLKA
/LVPECL_CLKA
LVDS_CLKB
/LVDS_CLKB
LVPECL_CLKB
/LVPECL_CLKB
CLK_SEL2
0
1
SEL2
SEL1
0
1
OE2
OE1
0
1
Q0 – Q9
10
10 /Q
0 – /Q9
Q10 – Q19
10
10 /Q
10 – /Q19
LEN
D
Q
CLK_SEL1
LEN
D
Q
OE
CLK_SEL1
CLK_SEL2
SEL1
SEL2
Q0 – Q9
/Q0 – /Q9
Q10 – Q19
/Q10 – /Q19
1
0
0
0
0
LVDS_CLKA
/LVDS_CLKA
LVDS_CLKA
/LVDS_CLKA
1
0
0
0
1
LVDS_CLKA
/LVDS_CLKA
LVDS_CLKB
/LVDS_CLKB
1
0
0
1
0
LVDS_CLKB
/LVDS_CLKB
LVDS_CLKA
/LVDS_CLKA
1
0
0
1
1
LVDS_CLKB
/LVDS_CLKB
LVDS_CLKB
/LVDS_CLKB
1
0
1
0
0
LVDS_CLKA
/LVDS_CLKA
LVDS_CLKA
/LVDS_CLKA
1
0
1
0
1
LVDS_CLKA
/LVDS_CLKA
LVPECL_CLKB
/LVPECL_CLKB
1
0
1
1
0
LVPECL_CLKB
/LVPECL_CLKB
LVDS_CLKA
/LVDS_CLKA
1
0
1
1
1
LVPECL_CLKB
/LVPECL_CLKB
LVPECL_CLKB
/LVPECL_CLKB
1
1
0
0
0
LVPECL_CLKA
/LVPECL_CLKA
LVPECL_CLKA
/LVPECL_CLKA
1
1
0
0
1
LVPECL_CLKA
/LVPECL_CLKA
LVDS_CLKB
/LVDS_CLKB
1
1
0
1
0
LVDS_CLKB
/LVDS_CLKB
LVPECL_CLKA
/LVPECL_CLKA
1
1
0
1
1
LVDS_CLKB
/LVDS_CLKB
LVDS_CLKB
/LVDS_CLKB
1
1
1
0
0
LVPECL_CLKA
/LVPECL_CLKA
LVPECL_CLKA
/LVPECL_CLKA
1
1
1
0
1
LVPECL_CLKA
/LVPECL_CLKA
LVPECL_CLKB
/LVPECL_CLKB
1
1
1
1
0
LVPECL_CLKB
/LVPECL_CLKB
LVPECL_CLKA
/LVPECL_CLKA
1
1
1
1
1
LVPECL_CLKB
/LVPECL_CLKB
LVPECL_CLKB
/LVPECL_CLKB
0
X
X
X
X
LOW
HIGH
LOW
HIGH
TRUTH TABLE


Similar Part No. - SY89829U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89823L MICREL-SY89823L Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHC MICREL-SY89823LHC Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHC MICREL-SY89823LHC Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHCTR MICREL-SY89823LHCTR Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHCTR MICREL-SY89823LHCTR Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY89829U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
logo
Asahi Kasei Microsystem...
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
Micrel Semiconductor
SY89825U MICREL-SY89825U_07 Datasheet
64Kb / 9P
   2.5/3.3V 1:22 HIGH-PERFORMANCE, LOW-VOLTAGE PECL BUS CLOCK DRIVER & TRANSLATOR w/ INTERNAL TERMINATION
SY89825U MICREL-SY89825U Datasheet
59Kb / 8P
   2.5/3.3V 1:22 HIGH-PERFORMANCE, LOW-VOLTAGE PECL BUS CLOCK DRIVER & TRANSLATOR w/ INTERNAL TERMINATION
logo
Renesas Technology Corp
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
   8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
ICS853054 ICST-ICS853054 Datasheet
207Kb / 15P
   4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com