Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-6212D Datasheet(PDF) 4 Page - Recom International Power

Part # R-6212D
Description  1-2 AMP SIP12 Vertical & Horizontal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-6212D Datasheet(HTML) 4 Page - Recom International Power

  R-6212D Datasheet HTML 1Page - Recom International Power R-6212D Datasheet HTML 2Page - Recom International Power R-6212D Datasheet HTML 3Page - Recom International Power R-6212D Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R-6xxxP_D
Series
Table 1: Adjustment Resistor Values
INNOLINE
DC/DC-Converter
1Adc
R-611.8P/D
R-612.5P/D
R-613.3P/D
R-615.0P/D
R-619.0P/D
R-6112P/D
2Adc
R-621.8P/D
R-622.5P/D
R-623.3P/D
R-625.0P/D
R-629.0P/D
R-6212P/D
Vout (nominal)
1.8VDC
2.5VDC
3.3VDC
5VDC
9VDC
12VDC
Vout (adj)
R1R2
R1R2
R1R2
R1R2
R1R2
R1
R2
1.5
13.6K
3.3K
1.8
8.2K
3.1K
820
2.0
10K
15K
5.1K
1.5K
2.5
5.1K
13K
3.6K
3.0
2.5K
10K
51K
7.0K
3.3
1.7K
5.9K
9.7K
0
0
3.6
1.2K
3.9K
18K
14K
1.5K
560
3.9
2.8K
9.1K
20K
3.3K
1.2K
4.5
1.6K
3.9K
60K
7.5K
2.1K
5.0
2.4K
11K
4.0K
5.1
2.2K
60K
12K
4.3K
5.5
1.6K
15K
17K
5.6K
6.0
1.1K
7.2K
24K
7.5K
7.0
2.8K
51K
12K
8.0
1.5K
130K
19K
9.0
880
31K
10
450
36K
55K
11
180
15K
125K
12
8.2K
13
4.7K
11K
14
2.7K
4.0K
15
1.3K
1.6K
27-March-2007
www.recom-international.com
164


Similar Part No. - R-6212D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-6212D RECOM-R-6212D Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R-6212D RECOM-R-6212D Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-6212D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
logo
Digitron Semiconductors
UT234 DIGITRON-UT234 Datasheet
179Kb / 4P
   RECTIFIERS 1 Amp to 2 Amp
logo
Elantec Semiconductor
EL4331C ELANTEC-EL4331C Datasheet
1Mb / 13P
   Triple 2:1 Mux-Amp AV = 1
logo
Renesas Technology Corp
EL4331 RENESAS-EL4331 Datasheet
1Mb / 10P
   Triple 2:1 Mux-Amp AV = 1
May 12, 2004
logo
Intersil Corporation
EL4331 INTERSIL-EL4331 Datasheet
790Kb / 10P
   Triple 2:1 Mux-Amp AV = 1
logo
PEAK electronics GmbH
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com