Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3101 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3101
Description  GREEN MODE PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3101 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3101 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
GREEN MODE PWM CONTROLLER
AP3101
Preliminary Datasheet
1
Apr. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
General Description
The AP3101 is a green PWM controller operating in
current mode. It is specially designed for off-line AC-
DC adapter and battery charger applications where the
needs for low standby power and better protection
function are increasing.
The AP3101 features adjustable oscillator frequency in
normal operation, which is done by an external resis-
tor. It automatically switches to skip cycle mode when
output power drops below a given level. The IC also
features low start-up and operation current for its
BiCMOS process.
The AP3101 provides comprehensive protection fea-
tures including leading edge blanking, synchronized
slope compensation, over-current, over-temperature
and short circuit protection.
The AP3101 is available in 2 packages: SOIC-8 and
DIP-8.
Features
·
Green Current Mode PWM Controller
·
Adjustable Skip Level
·
Leading Edge Blanking (LEB)
·
Cycle by Cycle Current Limit
·
Built-in Short Circuit Protection
·
Built-in Synchronized Slope Compensation
·
Low Start-up/Operating Current: 30µA/3mA
·
Adjustable Oscillator Frequency
·
Totem Pole Output Including Soft Driving
·
Under-Voltage Lockout (UVLO)
·
Accurate Over-Temperature Protection with Hys-
teresis
Applications
·
Off-line AC-DC Adapter
·
Battery Charger Applications
Figure 1. Package Types of AP3101
SOIC-8
DIP-8


Similar Part No. - AP3101

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
AP3101M-E1 DIODES-AP3101M-E1 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
AP3101M-G1 DIODES-AP3101M-G1 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
AP3101MTR-E1 DIODES-AP3101MTR-E1 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
AP3101MTR-G1 DIODES-AP3101MTR-G1 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3101

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com