Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3101MTR-E1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3101MTR-E1
Description  GREEN MODE PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3101MTR-E1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3101MTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3101MTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3101MTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3101MTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3101MTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3101MTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3101MTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3101MTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3101MTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
GREEN MODE PWM CONTROLLER
AP3101
Preliminary Datasheet
9
Apr. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 10. Skip Level vs. Ambient Temperature
Figure 11. Oscillator Frequency vs. Timing Resistor
-40
-20
0
2040
6080
100
120
1.14
1.16
1.18
1.20
1.22
1.24
1.26
Ambient Temperature (
oC)
12
15
18
21
24
27
30
33
36
39
42
30
45
60
75
90
105
120
135
Timing Resistor (k)
Operation Description
The AP3101 is specially designed for off-line AC-DC
adapter and battery charger applications. It offers the
designer a cost effective solution with minimal
external components.
Oscillator
The oscillation frequency is programmed by the value
of resistor R1 connected from pin RI to ground. The
resistor will make a constant current source to deter-
mine the oscillation frequency by charging and dis-
charging
an
internal
capacitor.
The
oscillation
frequency can be expressed as:
The recommended oscillation frequency is 50 to 100
kHz.
Start-up Current and Operating Current
The typical start-up current is only 30
µA. With such
a low start-up current, the start-up resistor may have a
very high resistance value even in 85V line voltage;
however, higher resistance will cause longer start-up
time. So we must select a proper start-up resistor and a
proper VCC hold-up capacitor. Operating current is
lowered to 3mA. It can reduce the requirement of VCC
hold-up capacitor value and the power loss in AP3101.
Under-Voltage Lockout (UVLO)
An UVLO comparator is included in AP3101 to
detect the voltage on the VCC pin. It ensures AP3101
to draw adequate energy from hold-up capacitor during
power on. The turn-on threshold is 16V and the turn-
off threshold is 10V.
Current Sense Comparator and PWM Latch
AP3101 operates as a current mode controller, the
output switch conduction is initiated by every oscilla-
tor cycle and terminated when the peak inductor cur-
rent reaches the threshold level established by the FB
pin. The inductor current signal is converted to a volt-
age signal by inserting a referenced sense resistor RS
)
(
)
(
1
1690
kHz
k
R
f


Similar Part No. - AP3101MTR-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3101MTR-E1 DIODES-AP3101MTR-E1 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3101MTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com