Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3700 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3700
Description  LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3700 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3700 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700
Data Sheet
6
Jan. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 6. Switching Frequency vs. Ambient Temperature
Figure 7. Start-up Current vs. VCC Voltage
Typical Performance Characteristics
Figure 4. Operating Current vs. Ambient Temperature
Figure 5. Start-up Current vs. Ambient Temperature
-40 -25 -10
5
20
35
50
65
80
95 110 125
350
400
450
500
Ambient Temperature (
oC)
12
34
5
0
100
200
300
400
500
V
CC
Voltage (V)
-40 -25 -10
5
20
35
50
65
80
95 110 125
200
220
240
260
280
300
Ambient Temperature (
oC)
-40 -25 -10
5
20
35
50
65
80
95 110 125
50
55
60
65
Low Side frequency for dither
High Side frequency for dither
Ambient Temperature (
oC)


Similar Part No. - AP3700

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZ-E1 BCDSEMI-AP3700AZ-E1 Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZ-G1 BCDSEMI-AP3700AZ-G1 Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZTR-E1 BCDSEMI-AP3700AZTR-E1 Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZTR-G1 BCDSEMI-AP3700AZTR-G1 Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
More results

Similar Description - AP3700

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3710 BCDSEMI-AP3710_08 Datasheet
512Kb / 16P
   LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710 BCDSEMI-AP3710 Datasheet
355Kb / 16P
   LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com