Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3700 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3700
Description  LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3700 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3700 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3700 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700
Data Sheet
1
Jan. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
General Description
The AP3700 is a green-mode pulse width modulation
(PWM) controller. It is specially designed for low
power applications such as off-line battery chargers,
where the needs for low standby power, space saving
and low cost are all required. In a battery charger rated
5V/1A, the maximum standby power is only 0.18Watt.
In normal operation, the AP3700 switches on and off at
a fixed switching frequency of 60 kHz. With a current
limit capability of 420mA, the AP3700 can directly
drive the emitter of high voltage NPN transistor or the
source of MOSFET. When output power falls below a
given level, the IC enters skip cycle mode to reduce
power consumption.
The AP3700 also features under-voltage lockout, over-
current and short circuit protections.
The AP3700 is available in TO-92 package.
Features
·
Current Mode Control with Skip Cycle Capability
·
Lower Operating Current: 0.45mA
·
Fixed Switching Frequency: 60 kHz
·
Frequency Dither for Low EMI:
±2.5kHz
·
Under-Voltage Lockout Protection
·
Over-Current Protection
·
Internal Short Circuit Protection
·
Higher Output Breakdown Voltage
·
Lower Total Cost Solution
Applications
·
Battery Chargers
·
Off-Line Power Supplies
Figure 1. Package Types of AP3700
TO-92


Similar Part No. - AP3700

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZ-E1 BCDSEMI-AP3700AZ-E1 Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZ-G1 BCDSEMI-AP3700AZ-G1 Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZTR-E1 BCDSEMI-AP3700AZTR-E1 Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZTR-G1 BCDSEMI-AP3700AZTR-G1 Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
More results

Similar Description - AP3700

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3710 BCDSEMI-AP3710_08 Datasheet
512Kb / 16P
   LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710 BCDSEMI-AP3710 Datasheet
355Kb / 16P
   LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com