Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7809D-E1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AS7809D-E1
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS7809D-E1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AS7809D-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS7809D-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS7809D-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS7809D-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS7809D-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS7809D-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS7809D-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS7809D-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AS7809D-E1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS78XX
Data Sheet
10
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 8. Dropout Voltage vs. Junction Temperature
-40
-20
0
2040
6080
100
120
0.0
0.5
1.0
1.5
2.0
2.5
Junction Temperature (
oC)
I
OUT
=100mA
I
OUT
=500mA
I
OUT
=1A
Figure 9. Power Dissipation vs. Case Temperature
-40
-20
0
2040
6080
100
120
0
5
10
15
20
25
30
Case Temperature (
oC)
AS7805
Package: TO-220-3
Heatsink Size: 45*43 mm
2
Figure 10. Power Dissipation vs. Case Temperature
-40
-20
0
2040
6080
100
120
0
5
10
15
20
25
30
Case Temperature (
oC)
AS7805
Package: TO-252-2 (1)
Heatsink Size: 45*43 mm
2
0
20
40
60
80
100
120
140
160
180
0
1
2
3
4
5
6
AS7805
V
IN
=10V, I
OUT
=5mA
C
IN
= 0.33µF, C
OUT
=0.1µF
Junction Temperature (
oC)
Figure 11. Thermal Shutdown Protection


Similar Part No. - AS7809D-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS7809D-E1 DIODES-AS7809D-E1 Datasheet
610Kb / 15P
   1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Mar. 2007 Rev. 1. 4
More results

Similar Description - AS7809D-E1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com