Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3001T-5.0E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3001T-5.0E1
Description  150kHz 3A PWM BUCK DC-DC CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3001T-5.0E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3001T-5.0E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
150kHz 3A PWM BUCK DC-DC CONVERTER
AP3001
Preliminary Datasheet
1
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
General Description
The AP3001 series of regulators are fixed frequency
PWM buck (step-down) DC/DC converter, capable of
driving a 3A load with excellent line and load regula-
tion. These regulators are simple to use and include
internal frequency compensation and a fixed frequency
oscillator, so that a system adopting AP3001 requires a
minimum number of external components to work.
These ICs are available in TO-220-5L, TO-220B-5L
and TO-263-5L packages.
Features
·
3.3V, 5V Fixed and Adjustable Output Versions
·
Guaranteed 3A Output Load Current
·
150kHz Fixed Frequency Internal Oscillator
·
Excellent Line and Load Regulation
·
TTL Shutdown Capability
·
Low Power Standby Mode, IQ Typically 80µA
·
Built-in Current Limit Protection and Thermal
Shutdown Circuit
Applications
·
LCD Monitor and LCD TV
·
On-Card DC-DC Converter
·
DVD Recorder
·
PDP
Figure 1. Package Types of AP3001
TO-220-5L
TO-263-5L
TO-220B-5L


Similar Part No. - AP3001T-5.0E1

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AP3000A-00 ASI-AP3000A-00 Datasheet
15Kb / 1P
   SILICON PIN DIODE CHIP
AP3000C-11 ASI-AP3000C-11 Datasheet
16Kb / 1P
   SILICON PIN DIODE
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
AP3003S-12E1 BCDSEMI-AP3003S-12E1 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
AP3003S-12TRE1 BCDSEMI-AP3003S-12TRE1 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
More results

Similar Description - AP3001T-5.0E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com