Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4300BP-BE1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP4300BP-BE1
Description  DUAL OP AMP AND VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4300BP-BE1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP4300BP-BE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4300BP-BE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4300BP-BE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4300BP-BE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4300BP-BE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4300BP-BE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4300BP-BE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4300BP-BE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4300BP-BE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DUAL OP AMP AND VOLTAGE REFERENCE
AP4300
4
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
Package
Refer-
ence
Voltage
Voltage
Tolerance
Tempera-
ture Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
DIP-8
2.6V
0.5%
-40 to 105oC
AP4300AP-A
AP4300AP-AE1
AP4300AP-A
AP4300AP-AE1
Tube
1%
AP4300BP-A
AP4300BP-AE1
AP4300BP-A
AP4300BP-AE1
2.5V
0.5%
AP4300AP-B
AP4300AP-BE1
AP4300AP-B
AP4300AP-BE1
1%
AP4300BP-B
AP4300BP-BE1
AP4300BP-B
AP4300BP-BE1
SOIC-8
2.6V
0.5%
-40 to 105oC
AP4300AM-A
AP4300AM-AE1
AP4300AM-A AP4300AM-AE1
Tube
AP4300AM-ATR
AP4300AM-ATRE1
AP4300AM-A AP4300AM-AE1
Tape
& Reel
1%
AP4300BM-A
AP4300BM-AE1
AP4300BM-A AP4300BM-AE1
Tube
AP4300BM-ATR
AP4300BM-ATRE1
AP4300BM-A AP4300BM-AE1
Tape
& Reel
2.5V
0.5%
AP4300AM-B
AP4300AM-BE1
AP4300AM-B AP4300AM-BE1
Tube
AP4300AM-BTR AP4300AM-BTRE1 AP4300AM-B AP4300AM-BE1
Tape
& Reel
1%
AP4300BM-B
AP4300BM-BE1
AP4300BM-B AP4300BM-BE1
Tube
AP4300BM-BTR
AP4300BM-BTRE1
AP4300BM-B AP4300BM-BE1
Tape
& Reel
Circuit Type
Voltage Tolerance
A: 0.5%
B: 1%
Package
P: DIP-8
M: SOIC-8
Output Voltage Reference
A: 2.6V
B: 2.5V
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
AP4300
-
E1: Lead Free
Blank: Tin Lead
TR: Tape and Reel
Blank: Tube
Ordering Information


Similar Part No. - AP4300BP-BE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300BP-BE1 BCDSEMI-AP4300BP-BE1 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4300BP-BE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310A DIODES-AP4310A Datasheet
506Kb / 8P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
   Dual op AMP and voltage reference
logo
SeCoS Halbleitertechnol...
SPW8103S SECOS-SPW8103S Datasheet
749Kb / 4P
   Dual OP-AMP and 2.5V 0.7% Voltage Reference
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com