Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2301MTR-E1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2301MTR-E1
Description  1.5A DDR TERMINATION REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2301MTR-E1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2301MTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2301MTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2301MTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2301MTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2301MTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2301MTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2301MTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2301MTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2301MTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1.5A DDR TERMINATION REGULATOR
AP2301
Preliminary Datasheet
2
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Pin Description
Pin Number
Pin Name
Function
SOIC-8
TO-252-5L
11
VIN
Power Input
2
2
GND
Ground
3
4
REFEN
Reference Voltage Input and Chip Enable
45
VOUT
Output Voltage
5, 6, 7, 8
3
VCNTL
Supply Voltage for Internal Circuit (Internally Connected for SOIC-8),
(TAB for TO-252-5L)
Pin Configuration
M Package
Figure 2. Pin Configuration of AP2301 (Top View)
7
VCNTL
6
VCNTL
5
VCNTL
1
2
3
4
VIN
GND
REFEN
VOUT
(SOIC-8)
(TO-252-5L)
D Package
1
2
3
4
5
VIN
GND
VCNTL (TAB)
REFEN
VOUT
8
VCNTL


Similar Part No. - AP2301MTR-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2301MPG-13 DIODES-AP2301MPG-13 Datasheet
374Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
More results

Similar Description - AP2301MTR-E1

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
   1.5A DDR Termination Regulator
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com