Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2301DTR-E1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2301DTR-E1
Description  1.5A DDR TERMINATION REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2301DTR-E1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2301DTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2301DTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2301DTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2301DTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2301DTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2301DTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2301DTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2301DTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2301DTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1.5A DDR TERMINATION REGULATOR
AP2301
Preliminary Datasheet
6
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 6. Threshold Voltage vs. Junction Temperature
Figure 7. Threshold Voltage vs. Junction Temperature
Figure 4. Sourcing Current vs. Junction Temperature
Figure 5. Sinking Current vs. Junction Temperature
-40
-20
0
20406080
100
120
1
2
3
4
5
V
CNTL
=3.3V
V
IN
=2.5V
V
OUT
=1.25V
Junction Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
1
2
3
4
5
V
CNTL
=3.3V
V
IN
=2.5V
V
OUT
=1.25V
Junction Temperature (
oC)
-40
-20
0
20406080
100
120
500
550
600
650
V
CNTL
=3.3V
V
IN
=2.5V
Junction Temperature (
oC)
-40
-20
0
2040
6080
100
120
500
550
600
650
V
CNTL
=5.0V
V
IN
=2.5V
Junction Temperature (
oC)


Similar Part No. - AP2301DTR-E1

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP2301 RFHIC-AP2301 Datasheet
347Kb / 5P
   MMIC
logo
Diodes Incorporated
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
logo
ZP Semiconductor
AP2301AGN ZPSEMI-AP2301AGN Datasheet
386Kb / 6P
   P-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP2301AGN-HF A-POWER-AP2301AGN-HF Datasheet
56Kb / 4P
   Simple Drive Requirement, Small Package Outline
More results

Similar Description - AP2301DTR-E1

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
   1.5A DDR Termination Regulator
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com