Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS324 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AS324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS324 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS324_06 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324/324A
Data Sheet
4
Apr. 2007 Rev. 1.6
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
VO=1.4V, RS=0 Ω,
VCC=5V to 30V
AS324
25
mV
7
AS324A
23
mV
5
Average Temperature Coeffi-
cient of Input Offset Voltage
∆V
IO/∆T
TA=-40 to 85
oC
7
µV/oC
Input Offset Current
IIO
IIN+ - IIN-, VCM=0V
530
nA
100
Input Bias Current
IBIAS
IIN+ or IIN-, VCM=0V
20
100
nA
200
Input Common Mode Voltage
Range (Note 3)
VIR
VCC=30V
0
VCC -1.5
V
Supply Current
ICC
TA=-40 to 85
oC, R
L=∞
VCC=30V
1.0
3
mA
VCC=5V
0.7
1.2
Large Signal Voltage Gain
GV
VCC=15V, RL ≥ 2kΩ, VO=1V to 11V
85
100
dB
80
Common Mode Rejection
Ratio
CMRR
DC, VCM=0 to (VCC-1.5)V
60
70
dB
60
Power
Supply
Rejection
Ratio
PSRR
VCC=5 to 30V
70
100
dB
60
Channel Separation
CS
f=1kHz to 20kHz
-120
dB
Output Current
Source
ISOURCE VIN+=1V, VIN-=0V, VCC=15V, VO=2V
20
40
mA
20
Sink
ISINK
VIN+=0V, VIN-=1V, VCC=15V, VO=2V
10
15
mA
5
VIN+=0V, VIN-=1V, VCC=15V, VO=0.2V
12
50
µA
Output Short Circuit Current
to Ground
ISC
VCC=15V
40
60
mA
Output Voltage Swing
VOH
VCC=30V, RL=2kΩ
26
V
26
VCC=30V, RL=10kΩ
27
28
27
VOL
VCC=5V, RL= 10kΩ
520
mV
30
Electrical Characteristics
Limits in standard typeface are for TA=25
oC, bold typeface applies over T
A=-40
oC to 85oC (Note 2), V
CC=5V, GND=0V,
unless otherwise specified.
Note 2: Limits over the full temperature are guaranteed by design, but not tested in production.


Similar Part No. - AS324_06

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_07 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - AS324_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com