Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2302D Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302D
Description  3A DDR TERMINATION REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302D Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2302D Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2302D Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2302D Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2302D Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2302D Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302D Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302D Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302D Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302D Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3A DDR TERMINATION REGULATOR
AP2302
Preliminary Datasheet
4
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Parameter
Symbol
Value
Unit
Supply Voltage for Internal Circuit
VCNTL
7V
Power Dissipation
PD
Internally Limited
W
ESD (Human Body Model)
ESD
2
KV
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Package Thermal Resistance (Free Air)
θ
JA
SOIC-8
160
oC/W
TO-252-5L
130
TO-263-5L
90
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage for Internal Circuit
VCNTL (Note 2, 3) 
3.36V
Power Input
DDR I
VIN
1.6
2.5
VCNTL
V
DDR II
1.8
Junction Temperature
TJ
0
125
oC
Note 2: Keep VCNTL ≥ VIN in power on and power off sequences.
Note 3: For safe operation, VCNTL MUST be tied to 3.3V rather than 5V.


Similar Part No. - AP2302D

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
AP2302AGN ZPSEMI-AP2302AGN Datasheet
423Kb / 6P
   N-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower Gate Charge
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP2302GN A-POWER-AP2302GN Datasheet
70Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP2302D

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Monolithic Power System...
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com