Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5033 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5033
Description  8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5033 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5033 Datasheet HTML 3Page - Fairchild Semiconductor FAN5033 Datasheet HTML 4Page - Fairchild Semiconductor FAN5033 Datasheet HTML 5Page - Fairchild Semiconductor FAN5033 Datasheet HTML 6Page - Fairchild Semiconductor FAN5033 Datasheet HTML 7Page - Fairchild Semiconductor FAN5033 Datasheet HTML 8Page - Fairchild Semiconductor FAN5033 Datasheet HTML 9Page - Fairchild Semiconductor FAN5033 Datasheet HTML 10Page - Fairchild Semiconductor FAN5033 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
© 2006 Fairchild Semiconductor 2006
www.fairchildsemi.com
FAN5033 Rev. 1.0.0
7 of 39
Electrical Characteristics (Continued)
VCC = 12V, FBRTN = GND, and TA = +25°C. The • denotes specifications that apply over the full operating
temperature range.
Symbol
Parameter
Conditions
Min.
Typ. Max.
Unit
Current Sense Amplifier
VOS(CSA)
Offset Voltage
CSSUM – CSREF
Figure 4
-1.0
+1.0
mV
IBIAS(CSSUM)
Input Bias Current (for CSSUM)
-50
+50
nA
IBIAS(CSREF)
Input Current (for CSREF)
Current drawn by
CSREF Pin
-3
+3
µA
GBW(CSA)
Gain Bandwidth Product
CSSUM = CSCOMP
(2)
10
MHz
Slew Rate
CCSCOMP = 10pF
(2)
10
V/µs
VCSACM
Input Common-Mode Range
CSSUM and CSREF
0
3.2
V
Output Voltage Range
0.05
3.2
V
ICSCOMP
Output Current
1
mA
tOC(DELAY)
Current Limit Latch-off Delay Time
CDELAY = 10nF
5
ms
Current Balance Circuit
VSW(x)CM
Common Mode Range
(2)
-600
+200
mV
RSW(x)
Input Resistance
SW(x) = 0V
35
50
65
k
Ω
ISW(x)
Input Current
SW(x) = 0V
1.6
3.3
5.0
µA
ΔISW(x)
Input Current Matching
SW(x) = 0V
-5
+5
%
Current Limit Comparator
VILIMIT
Output Voltage
RILIMT = 143kΩ
1.6
1.7
1.8
V
IILIMIT
Output Current
RILIMT = 143kΩ
12
µA
Maximum Output Current
60
µA
VCL
Current Limit Threshold Voltage
VCSREF − VCSCOMP, RILIMT
= 143k
Ω
100
120
140
mV
Current Limit Setting Ratio
VCL / IILIMT
10
mV/µA
Delay Timer
IDELAY
Normal Mode Output Current
12
15
18
µA
IDELAY(CL)
Output Current in Current Limit
3.0
3.75
4.5
µA
VDELAY(TH)
Threshold Voltage
1.6
1.7
1.8
V
Soft-Start
I(SS)
Output Current
During Start-up
12
15
18
µA
Enable Input
VTH(EN)
Threshold Voltage
800
850
900
mV
VHYS(EN)
Threshold Hysteresis
80
100
120
mV
IIN(EN)
Enable Input Current
1
µA
tDELAY(EN)
Turn-on Delay
Start-up sequence,
EN>950mV, CDELAY =
10nF
2
ms


Similar Part No. - FAN5033

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
FAN5031MPX FAIRCHILD-FAN5031MPX Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
FAN5032 FAIRCHILD-FAN5032 Datasheet
479Kb / 6P
   8-Bit Programmable 2 to 4 Phase Synchronous Buck Controller
FAN5032MPX FAIRCHILD-FAN5032MPX Datasheet
479Kb / 6P
   8-Bit Programmable 2 to 4 Phase Synchronous Buck Controller
FAN5037 FAIRCHILD-FAN5037 Datasheet
101Kb / 11P
   Adjustable Switching Regulator Controller
More results

Similar Description - FAN5033

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3293 ONSEMI-ADP3293 Datasheet
456Kb / 30P
   8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
July, 2009 ??Rev. 3
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com