Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2210K-2.5TRE1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2210K-2.5TRE1
Description  300mA RF ULDO REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2210K-2.5TRE1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2210K-2.5TRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2210K-2.5TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2210K-2.5TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2210K-2.5TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2210K-2.5TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2210K-2.5TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2210K-2.5TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2210K-2.5TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2210K-2.5TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
300mA RF ULDO REGULATOR
AP2210
Data Sheet
1
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
General Description
The AP2210 is a 300mA ULDO regulator which pro-
vides very low noise, ultra low dropout voltage
(typically 250mV at 300mA), very low standby current
(1µA maximum) and excellent power supply ripple
rejection (PSRR 75dB at 100Hz) in battery powered
applications, such as handsets, PDAs and in noise sen-
sitive applications, such as RF electronics.
The AP2210 also features individual logic compatible
enable/shutdown control inputs, a low power shutdown
mode for extended battery life, over current protection,
over temperature protection, as well as reversed-bat-
tery protection.
The AP2210 has 2.5V, 2.8V, 3.0V and 3.3V versions.
The AP2210 is available in space saving SOT-23-3 and
SOT-23-5 packages.
Features
·
Up to 300mA Output Current
·
Excellent ESR Stability
·
Low Standby Current
·
Low Dropout Voltage: VDROP=250mV at 300mA
·
High Output Accuracy: ±1%
·
Good Ripple Rejection Ability: 75dB at 100Hz
and IOUT=100µA
·
Tight Load and Line Regulation
·
Low Temperature Coefficient
·
Over Current Protection
·
Thermal Protection
·
Reverse-battery Protection
·
Logic-controlled Enable
Applications
·
Cellular Phones
·
Cordless Phones
·
Wireless Communicators
·
PDAs/Palmtops
·
PC Mother Board
·
Consumer Electronics
SOT-23-5
Figure 1. Package Types of AP2210
SOT-23-3


Similar Part No. - AP2210K-2.5TRE1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2210K-2.5TRE1 DIODES-AP2210K-2.5TRE1 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
More results

Similar Description - AP2210K-2.5TRE1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com