Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2317R-ADJTRE1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2317R-ADJTRE1
Description  600mA LOW DROPOUT LINEAR REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2317R-ADJTRE1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2317R-ADJTRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTRE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTRE1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2317R-ADJTRE1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA LOW DROPOUT LINEAR REGULATOR
AP2317
11
Mar. 2007 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions
SOT-89-3
Unit: mm(inch)
1.400(0.055)*
1.630(0.064)
4.400(0.173)
0.360(0.014)
0.440(0.017)
3.000(0.118)
2.300(0.091)
1.400(0.055)
0.360(0.014)
10°
10°
R0.200(0.008)
R0.150(0.006)
0.000(0.000)
1.600(0.063)
0.440(0.017)
0.560(0.022)
2.600(0.102)
0.520(0.020)
4.600(0.181)
1.830(0.072)
0.076(0.003)
0.360(0.014)
0.480(0.019)


Similar Part No. - AP2317R-ADJTRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2317R-ADJTRE1 BCDSEMI-AP2317R-ADJTRE1 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AP2317R-ADJTRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com