Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2317H-ADJTRE1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2317H-ADJTRE1
Description  600mA LOW DROPOUT LINEAR REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2317H-ADJTRE1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2317H-ADJTRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA LOW DROPOUT LINEAR REGULATOR
AP2317
6
Mar. 2007 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
VREF
AP2317-ADJ IOUT=10mA, VIN-VOUT=2V, TJ=25
oC
10mA
≤I
OUT≤600mA, 1.4V≤VIN -VOUT≤8V
P
≤maximum power dissipation
1.238
1.225
1.250
1.250
1.262
1.270
V
Output Voltage
VOUT
AP2317-2.5 IOUT=10mA, VIN=4.5V, TJ=25
oC
10mA
≤I
OUT≤600mA, 3.9V≤ VIN ≤10V
2.475
2.450
2.5
2.5
2.525
2.550
V
AP2317-3.3 IOUT=10mA, VIN=5.0V, TJ=25
oC
10mA
≤I
OUT≤ 600mA, 4.75V≤VIN≤10V
3.267
3.235
3.3
3.3
3.333
3.365
V
Line Regulation
∆V
OUT
AP2317-ADJ
IOUT=10mA, 1.5V≤VIN-VOUT≤10V
0.035
0.2
%
AP2317-2.5
IOUT=10mA, 1.5V≤VIN-VOUT≤10V
1
6
mV
AP2317-3.3
IOUT=10mA, 1.5V≤VIN-VOUT≤10V
1
6
mV
Load Regulation
∆V
OUT
AP2317-ADJ
(VIN-VOUT)=2V, 10mA≤IOUT≤600mA
0.2
0.4
%
AP2317-2.5
(VIN-VOUT)=2V, 10mA≤IOUT≤600mA
1
10
mV
AP2317-3.3
(VIN-VOUT)=2V, 10mA≤ IOUT≤600mA
1
10
mV
Dropout Voltage
VDROP
∆V
REF=1%, IOUT=0.6A
1.1
1.3
V
Current Limit
ILIMIT
(VIN-VOUT)=2V
0.75
0.9
A
Adjust Pin Current
IADJ
60
120
µA
Adjust Pin Current
Change
∆I
ADJ
1.4V
≤(V
IN-VOUT)≤10, 10mA≤IOUT≤600mA
0.2
5
µA
Minimum Load
Current
ILOAD
(MIN)
1.5V
≤(V
IN-VOUT)≤10V (ADJ only)
1.7
5
mA
Quiescent Current
IQ
VIN=VOUT+1.25V
5
mA
Ripple Rejection
PSRR
f=120Hz, COUT=22µF Tantalum
(V
IN-VOUT)=3V, IOUT=300mA
60
75
dB
Temperature Stability
0.5
%
Long-Term Stability
TA=125
oC, 1000hrs.
0.3
%
RMS Output Noise
(% of VOUT)
TA=25
oC, 10Hz
≤f≤10KHz
0.003
%
Thermal Shutdown
Junction Temperature
150
oC
Thermal Shutdown
Hysteresis
25
oC
Operating Conditions: VIN≤10V, TJ=25
oC, unless otherwise specified. (P
≤maximum power dissipation)
Limits appearing in Boldface type apply over the entire junction temperature range for operation, -40oC to 125oC
Electrical Characteristics


Similar Part No. - AP2317H-ADJTRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2317H-ADJTRE1 BCDSEMI-AP2317H-ADJTRE1 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AP2317H-ADJTRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com