Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3009KTR-E1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3009KTR-E1
Description  WHITE LED STEP-UP CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3009KTR-E1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3009KTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3009KTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3009KTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3009KTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3009KTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3009KTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3009KTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3009KTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3009KTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
WHITE LED STEP-UP CONVERTER
AP3009
Data Sheet
2
Apr. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AP3009 (Top View)
Pin Configuration
Pin Description
Pin Number
Pin Name
Function
1VOUT
Output Pin. Connected to the cathode of internal schottky diode
2
GND
Ground Pin
3
FB
Voltage Feedback. Reference voltage is 200mV
4
CTRL
Shutdown and Dimming Pin. Connect to 1.8V or higher to enable device; Connect to 50mV or
less to disable device; Connect to a voltage between 1.8V and 50mV to achieve linear dim-
ming
5VIN
Input Supply Pin. Must be locally bypassed
6
SW
Switch Pin. Connect external inductor
(SOT-23-6)
VOUT
GND
FB
SW
VIN
CTRL
K Package
2
1
34
5
6


Similar Part No. - AP3009KTR-E1

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AP3009 TELEDYNE-AP3009 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AP3009 AMPLIFIER
More results

Similar Description - AP3009KTR-E1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com