Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW03-C360 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BZW03-C360
Description  Voltage regulator diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZW03-C360 Datasheet(HTML) 6 Page - NXP Semiconductors

  BZW03-C360 Datasheet HTML 1Page - NXP Semiconductors BZW03-C360 Datasheet HTML 2Page - NXP Semiconductors BZW03-C360 Datasheet HTML 3Page - NXP Semiconductors BZW03-C360 Datasheet HTML 4Page - NXP Semiconductors BZW03-C360 Datasheet HTML 5Page - NXP Semiconductors BZW03-C360 Datasheet HTML 6Page - NXP Semiconductors BZW03-C360 Datasheet HTML 7Page - NXP Semiconductors BZW03-C360 Datasheet HTML 8Page - NXP Semiconductors BZW03-C360 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1996 May 14
6
Philips Semiconductors
Product specification
Voltage regulator diodes
BZW03 series
Note
1. Non-repetitive peak reverse current in accordance with
“IEC 60-1, Section 8” (10/1000
µs pulse); see Fig.7.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.6.
For more information please refer to the
“General Part of associated Handbook”.
BZW03-C180
168
0.09
0.13
5
249
2.0
10
150
BZW03-C200
188
0.09
0.13
5
276
1.8
10
160
BZW03-C220
208
0.09
0.13
5
305
1.6
10
180
BZW03-C240
228
0.09
0.13
5
336
1.5
10
200
BZW03-C270
251
0.09
0.13
5
380
1.3
10
220
BZW03-C300
280
0.09
0.13
5
419
1.2
10
240
BZW03-C330
310
0.09
0.13
5
459
1.1
10
270
BZW03-C360
340
0.09
0.13
5
498
1.0
10
300
BZW03-C390
370
0.09
0.13
5
537
0.93
10
330
BZW03-C430
400
0.09
0.13
5
603
0.83
10
360
BZW03-C470
440
0.09
0.13
5
655
0.76
10
390
BZW03-C510
480
0.09
0.13
5
707
0.71
10
430
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
25
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
75
K/W
TYPE
NUMBER
REVERSE
BREAKDOWN
VOLTAGE
TEMPERATURE
COEFFICIENT
TEST
CURRENT
CLAMPING
VOLTAGE
REVERSE
CURRENT at
STAND-OFF
VOLTAGE
V(BR)R (V)
at Itest
SZ (%/K) at Itest
Itest
(mA)
V(CL)R
(V)
at IRSM
(A)
note 1
IR (µA)
at VR
(V)
MIN.
MIN.
MAX.
MAX.
MAX.


Similar Part No. - BZW03-C360

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZW03 VISHAY-BZW03 Datasheet
122Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Apr-05
BZW03 VISHAY-BZW03 Datasheet
101Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
New Jersey Semi-Conduct...
BZW03 NJSEMI-BZW03 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZW03C VISHAY-BZW03C Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03C10 VISHAY-BZW03C10 Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
More results

Similar Description - BZW03-C360

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com