Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5954AM28-E1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AM5954AM28-E1
Description  4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5954AM28-E1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5954AM28-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5954AM28-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5954AM28-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5954AM28-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5954AM28-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5954AM28-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5954AM28-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5954AM28-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5954AM28-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954A
6
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
Ι
QC
18
27
mA
Standby Current
Ι
ST
0.5
mA
Standby-on Voltage
VSTON
All channels off
0
0.5
V
Standby-off Voltage
VSTOFF
All channels on
2.0
V
Actuator Driver
Output Offset Current
IOO
-6
6
mA
Maximum Output Amplitude
VOM
VIN=VBIAS±1.5V
3.6
3.8
V
Transmission Gain
gm
VIN=VBIAS±0.2V
1.3
1.5
1.7
A/V
Sled Motor Driver/Pre Op Amp
Common Input Voltage Range
VICM
VBIAS=6V
-0.3
11.0
V
VCC=PVCC1=5V
-0.3
4.0
V
Input Bias Current
IIB
14
300
nA
Output Low Level Voltage
VOL
0.1
0.3
V
Output Source Current
ISO
0.3
0.58
mA
Output Sink Current
ISI
1mA
Sled Motor Driver
Output Offset Voltage
VOOFSL
VCC=5V
-100
100
mV
Maximum Output Voltage
VOMSL
VIN=VBIAS±1.5V
7.5
9
V
Closed-loop Voltage Gain
GVSL
VIN=VBIAS±0.2V
18.0
20.0
22.0
dB
Loading Motor Driver
Output Offset Voltage
VOOFLD
-50
50
mV
Maximum Output Voltage
VOMLD
VIN=VBIAS±2.0V
7.5
9
V
VIN=VBIAS±1.5V
VCC=PVCC1=5V
3.6
3.8
V
Closed-loop Voltage Gain
GVLD
VIN=VBIAS±0.2V
13.5
15.5
17.5
dB
Gain Error by Polarity
∆G
VLD
VIN=VBIAS±0.2V
01
2
dB
(TA=25
oC, V
CC=PVCC=12V, PVCC2=5V, VBIAS=2.5V, RL1=RL2=RL3= RL4=8Ω, RD=0.5Ω, CFC=CTK=100pF,
unless otherwise specified.)
Electrical Characteristics


Similar Part No. - AM5954AM28-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5954AM28-E1 ETC1-AM5954AM28-E1 Datasheet
145Kb / 13P
   4-CHANNEL BTL MOTOR DRIVER FOR DVD
More results

Similar Description - AM5954AM28-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com