Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCB11N60F Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FCB11N60F
Description  600V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCB11N60F Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FCB11N60F Datasheet HTML 1Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 2Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 3Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 4Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 5Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 6Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 7Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FCB11N60F Rev. A1
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FCB11N60F
FCB11N60FTM
D2-PAK
330mm
24m
800
Electrical Characteristics T
C = 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250μA, TJ = 25°C
600
--
--
V
VGS = 0V, ID = 250μA, TJ = 150°C
--
650
--
V
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250μA, Referenced to 25°C
--
0.6
--
V/
°C
BVDS
Drain-Source Avalanche Breakdown
Voltage
VGS = 0V, ID = 11A
--
700
--
V
IDSS
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
VDS = 480V, TC = 125°C
--
--
--
--
10
100
μA
μA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30V, VDS = 0V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250μA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10V, ID = 5.5A
--
0.32
0.38
Ω
gFS
Forward Transconductance
VDS = 40V, ID = 5.5A
(Note 4)
--
9.7
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
1148
1490
pF
Coss
Output Capacitance
--
671
870
pF
Crss
Reverse Transfer Capacitance
--
63
--
pF
Coss
Output Capacitance
VDS = 480V, VGS = 0V, f = 1.0MHz
--
35
--
pF
Coss eff.
Effective Output Capacitance
VDS = 0V to 400V, VGS = 0V
--
95
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 300V, ID = 11A
RG = 25Ω
(Note 4, 5)
--
34
80
ns
tr
Turn-On Rise Time
--
98
205
ns
td(off)
Turn-Off Delay Time
--
119
250
ns
tf
Turn-Off Fall Time
--
56
120
ns
Qg
Total Gate Charge
VDS = 480V, ID = 11A
VGS = 10V
(Note 4, 5)
--
40
52
nC
Qgs
Gate-Source Charge
--
7.2
--
nC
Qgd
Gate-Drain Charge
--
21
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
11
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
33
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 11A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0V, IS = 11A
dIF/dt =100A/μs
(Note 4)
--
120
--
ns
Qrr
Reverse Recovery Charge
--
0.8
--
μC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. IAS = 5.5A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 11A, di/dt ≤ 1200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - FCB11N60F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCB11N60F ISC-FCB11N60F Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCB11N60F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com