Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCB20N60FTM Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FCB20N60FTM
Description  600V N-CHANNEL FRFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCB20N60FTM Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FCB20N60FTM Datasheet HTML 1Page - Fairchild Semiconductor FCB20N60FTM Datasheet HTML 2Page - Fairchild Semiconductor FCB20N60FTM Datasheet HTML 3Page - Fairchild Semiconductor FCB20N60FTM Datasheet HTML 4Page - Fairchild Semiconductor FCB20N60FTM Datasheet HTML 5Page - Fairchild Semiconductor FCB20N60FTM Datasheet HTML 6Page - Fairchild Semiconductor FCB20N60FTM Datasheet HTML 7Page - Fairchild Semiconductor FCB20N60FTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not
intended to be an exhaustive list of all such trademarks.
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES W ITHOUT FURTHER NOTICE TO ANY PRODUCTS
HEREIN TO IMPROVE RELIABILITY,FUNCTION,OR DESIGN.FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE
APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;NEITHER DOES IT CONVEY ANY LICENSE UNDER
ITS PATENT RIGHTS,NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD’
S
W ORLDW IDE TERMS AND CONDITIONS,SPECIFICALLY THE W ARRANTY THEREIN,W HICH COVERS THESE PRODUCTS.
FAIRCHILD’
S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR
SYSTEMS W ITHOUT THE EXPRESS W RITTEN APPROVALOF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1.Life support devices or systems are devices or systems which,
(a)are intended for surgical implant into the body,or (b)support or
sustain life,or (c)whose failure to perform when properlyused in
accordance with instructions for use provided in the labeling,can be
reasonablyexpected to result in significant inj
uryto the user.
2.A critical component is anycomponent of a life support device or
system whose failure to perform can be reasonably expected to
cause the failure of the life support device or system,or to affect its
safetyor effectiveness.
Definition of Terms
ACEx™
ActiveArray™
Bottomless™
Build it Now™
CoolFET™
C R O S S V O L T ™
DOME™
EcoSPARK™
E2CMOS™
EnSigna™
FACT®
FAST®
FASTr™
FPS™
FRFET™
FACT Quiet Series™
GlobalOptoisolator™
GTO™
HiSeC™
I2C™
i
-
Lo™
ImpliedDisconnect™
IntelliMAX™
ISOPLANAR™
LittleFET™
MICROCOUPLER™
MicroFET™
MicroPak™
MICROW IRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC®
OPTOPLANAR™
PACMAN™
POP™
Power247™
PowerEdge™
PowerSaver™
PowerTrench®
QFET®
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
µSerDes™
ScalarPump™
SILENT SW ITCHER®
SMART START™
SPM™
Stealth™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TCM™
TinyBoost™
TinyBuck™
TinyPW M™
TinyPower™
TinyLogic®
TINYOPTO™
TruTranslation™
UHC®
UniFET™
VCX™
W ire™
Across the board.Around the world.
The Power Franchise®
Programmable Active Droop™
Datasheet I
dentification
Pr o duct St at us
Definition
Advance Information
Formative or In Design
This datasheet contains the design specifications for
product development.Specifications maychange in
anymanner without notice.
Preliminary
First Production
This datasheet contains preliminarydata,and
supplementarydata will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at anytime without notice to improve
design.
No Identification Needed
Full Production
This datasheet contains final specifications.Fairchild
Semiconductor reserves the right to make changes at
anytime without notice to improve design.
Obsolete
Not In Production
This datasheet contains specifications on a product
that has been discontinued byFairchild semiconductor.
The datasheet is printed for reference information only.
FAI
RCHI
LD SEM I
CONDUCTOR TRADEM ARKS
DI
SCLAI
M ER
LI
FE SUPPORT POLI
CY
PRODUCT STATUS DEFI
NI
TI
ONS
Rev. I22


Similar Part No. - FCB20N60FTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCB20N60FTM FAIRCHILD-FCB20N60FTM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FCB20N60FTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCA20N60F FAIRCHILD-FCA20N60F Datasheet
930Kb / 8P
   600V N-CHANNEL FRFET
FCA47N60F FAIRCHILD-FCA47N60F Datasheet
196Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH76N60NF FAIRCHILD-FCH76N60NF Datasheet
539Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH041N60F FAIRCHILD-FCH041N60F Datasheet
339Kb / 9P
   600V N-Channel MOSFET, FRFET
FDPF6N60ZUT FAIRCHILD-FDPF6N60ZUT_12 Datasheet
291Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDPF10N60ZUT FAIRCHILD-FDPF10N60ZUT_12 Datasheet
325Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FDP6N60ZU FAIRCHILD-FDP6N60ZU Datasheet
531Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDP8N60ZU FAIRCHILD-FDP8N60ZU Datasheet
540Kb / 9P
   N-Channel MOSFET, FRFET 600V, 6.5A, 1.35廓
FDP10N60ZU FAIRCHILD-FDP10N60ZU Datasheet
559Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FCH47N60NF FAIRCHILD-FCH47N60NF Datasheet
301Kb / 8P
   N-Channel MOSFET, FRFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com