Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS78L24Z-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AS78L24Z-E1
Description  100mA POSITIVE VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS78L24Z-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AS78L24Z-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS78L24Z-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS78L24Z-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS78L24Z-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS78L24Z-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS78L24Z-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS78L24Z-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS78L24Z-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS78L24Z-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX
Preliminary Datasheet
5
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
AS78L05
VIN
25
V
AS78L12
36
AS78L15
36
AS78L18
36
AS78L24
36
Operating Junction Temperature Range
TJ
-40
125
oC
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
36
V
Operating Junction Temperature
TJ
150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Power Dissipation
PD
750
mW
Storage Temperature Range
TSTG
-65 to 150
oC
Thermal Resistance
θ
JA
TO-92
180
oC/W
ESD (Human Body Model)
ESD
2000
V
ESD (Machine Model)
ESD
200
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.


Similar Part No. - AS78L24Z-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L24Z-E1 BCDSEMI-AS78L24Z-E1 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AS78L24Z-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com