Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD3N40TF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD3N40TF
Description  400V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3N40TF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD3N40TF Datasheet HTML 1Page - Fairchild Semiconductor FDD3N40TF Datasheet HTML 2Page - Fairchild Semiconductor FDD3N40TF Datasheet HTML 3Page - Fairchild Semiconductor FDD3N40TF Datasheet HTML 4Page - Fairchild Semiconductor FDD3N40TF Datasheet HTML 5Page - Fairchild Semiconductor FDD3N40TF Datasheet HTML 6Page - Fairchild Semiconductor FDD3N40TF Datasheet HTML 7Page - Fairchild Semiconductor FDD3N40TF Datasheet HTML 8Page - Fairchild Semiconductor FDD3N40TF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDD3N40 / FDU3N40 Rev. A
February 2007
UniFET
TM
FDD3N40 / FDU3N40
400V N-Channel MOSFET
Features
• 2A, 400V, RDS(on) = 3.4Ω @VGS = 10 V
• Low gate charge ( typical 4.5 nC)
•Low Crss ( typical 3.7 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize
on-state
resistance,
provide
superior
switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies and active power factor
correction.
Absolute Maximum Ratings
Thermal Characteristics
D
G
S
I-PAK
FDU Series
D-PAK
FDD Series
G
S
D
G
S
D
Symbol
Parameter
FDD3N40 / FDU3N40
Unit
VDSS
Drain-Source Voltage
400
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
2.0
1.25
A
A
IDM
Drain Current
- Pulsed
(Note 1)
8.0
A
VGSS
Gate-Source voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
46
mJ
IAR
Avalanche Current
(Note 1)
2A
EAR
Repetitive Avalanche Energy
(Note 1)
3mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
30
0.24
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
Typ
Max
Unit
RθJC
Thermal Resistance, Junction-to-Case
--
4.2
°C/W
RθJA
Thermal Resistance, Case-to-Sink Typ.
--
110
°C/W
* Drain current limited by maximum junction temperature


Similar Part No. - FDD3N40TF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDD3N40TM VBSEMI-FDD3N40TM Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - FDD3N40TF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com