Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP20N50 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDP20N50
Description  500V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP20N50 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FDP20N50_07 Datasheet HTML 2Page - Fairchild Semiconductor FDP20N50_07 Datasheet HTML 3Page - Fairchild Semiconductor FDP20N50_07 Datasheet HTML 4Page - Fairchild Semiconductor FDP20N50_07 Datasheet HTML 5Page - Fairchild Semiconductor FDP20N50_07 Datasheet HTML 6Page - Fairchild Semiconductor FDP20N50_07 Datasheet HTML 7Page - Fairchild Semiconductor FDP20N50_07 Datasheet HTML 8Page - Fairchild Semiconductor FDP20N50_07 Datasheet HTML 9Page - Fairchild Semiconductor FDP20N50_07 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FDP20N50 / FDPF20N50 Rev. B
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FDP20N50_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP20N50F FAIRCHILD-FDP20N50F Datasheet
820Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
logo
Inchange Semiconductor ...
FDP20N50F ISC-FDP20N50F Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP20N50F FAIRCHILD-FDP20N50F_11 Datasheet
375Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
FDP20N50T FAIRCHILD-FDP20N50T Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
FDP20N50T FAIRCHILD-FDP20N50T Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results

Similar Description - FDP20N50_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com