Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP10-4812DEM2 Datasheet(PDF) 4 Page - Recom International Power

Part # RP10-4812DEM2
Description  10 Watt 2??x 1??Package Single & Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-4812DEM2 Datasheet(HTML) 4 Page - Recom International Power

  RP10-4812DEM2 Datasheet HTML 1Page - Recom International Power RP10-4812DEM2 Datasheet HTML 2Page - Recom International Power RP10-4812DEM2 Datasheet HTML 3Page - Recom International Power RP10-4812DEM2 Datasheet HTML 4Page - Recom International Power RP10-4812DEM2 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
Thermal Impedance
Natural convection
12°C/Watt
(see Note 8)
Natural convection with Heat Sink
10°C/Watt
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 2G, 30 Min. along X, Y and Z
Relative Humidity
5% to 95% RH
Case Material
Nickel plated copper
Base Material
Non-conductive black plastic
Potting Material
Epoxy (UL94-V0)
Conducted Emissions (see Note 11)
EN55022
Level A
Radiated Emissions
EN55022
Level A
ESD
EN61000-4-2
Perf. Criteria 2
Radiated Immunity
EN61000-4-3
Perf. Criteria 2
Fast Transient
EN61000-4-4
Perf. Criteria 2
Surge
EN61000-4-5
Perf. Criteria 2
Conducted Immunity
EN61000-4-6
Perf. Criteria 2
Weight
27g
Dimensions
50.8 x 25.4 x 10.2mm
MTBF (see Note 2)
1976 x 103 hours
RP10-S_DE
Series
Notes :
1. The RP10 (W) series required a minimum 10% loading on the output to maintain specified regulation.
Operation under no-load condition will not damage these devices, however they may not meet all listedspecification.
2. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
3. Simulated source impedance of 12µH. 12µH inductor in series with +Vin.
4. Maximum value at nominal input voltage and full load of standard type.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistor load.
7. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input.
Positive logic ON/OFF is marked with suffix-P (eg. RP10-2405SE/P)
Negative logic ON/OFF is marked with suffix-N (eg. RP10-2405SE/N).
If no suffix is specified, the control pin will be omitted.
8. Heat sink is optional and P/N: 7G-0020A.
9. The M1 version (RP10-xxxxSE/M1, RP10-xxxxDE/M1) does not carry the UL certification.
10.M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard version.
11. See application notes for EMI-filtering.
July-2006
www.recom-international.com
222


Similar Part No. - RP10-4812DEM2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-4812DE RECOM-RP10-4812DE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-4812DE RECOM-RP10-4812DE Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
RP10-4812DEW RECOM-RP10-4812DEW Datasheet
99Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-4812DEW RECOM-RP10-4812DEW Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-4812DEW RECOM-RP10-4812DEW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
More results

Similar Description - RP10-4812DEM2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-2405SEW RECOM-RP10-2405SEW_06 Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
RP15-123.3SF RECOM-RP15-123.3SF_06 Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
   10 Watt 2 x 1 Single and Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
RP10-1233SE RECOM-RP10-1233SE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW Datasheet
99Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com