Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP10-1215SEP Datasheet(PDF) 3 Page - Recom International Power

Part # RP10-1215SEP
Description  10 Watt 2??x 1??Package Single & Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-1215SEP Datasheet(HTML) 3 Page - Recom International Power

  RP10-1215SEP Datasheet HTML 1Page - Recom International Power RP10-1215SEP Datasheet HTML 2Page - Recom International Power RP10-1215SEP Datasheet HTML 3Page - Recom International Power RP10-1215SEP Datasheet HTML 4Page - Recom International Power RP10-1215SEP Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP10-S_DE
Series
Input Voltage Range
12V nominal input
9-18VDC
24V nominal input
18-36VDC
48V nominal input
36-75VDC
Input Filter
Pi Type
Input Surge Voltage (100 ms max.)
12V Input
36VDC
24V Input
50VDC
48V Input
100VDC
Input Reflected Ripple (nominal Vin and full load) (see Note 3)
30mAp-p
Start Up Time (nominal Vin and constant resistor load)
20ms typ.
Remote ON/OFF (Optional. See Note 7)
(Positive logic)
DC-DC ON
Open or 3.5V < Vr < 12V
DC-DC OFF
Short or 0V < Vr < 1.2V
(Negative logic)
DC-DC ON
Short or 0V < Vr < 1.2V
DC-DC OFF
Open or 3.5V < Vr < 12V
Remote OFF input current
Nominal input
20mA
Output Power
10W max.
Output Voltage Accuracy (full Load and nominal Vin)
±2%
Minimum Load (see Note 1)
10% of full load
Line Regulation (low line, high line at full load)
±1%
Load Regulation (25% to 100% full load)
Single
±1%
Dual
±2%
Cross Regulation (asymmetrical load 25%/100% full load)
±5%
Ripple and Noise (20MHz bandwith)
Single
50mVp-p
Dual
75mVp-p
Temperature Coefficient
±0.02%/°C max.
Transient Response (25% load step change)
500µs
Over Voltage Protection
3.3V output
3.9V
Zener diode clamp
5V output
6.2V
12V output
15V
15V output
18V
Over Load Protection (% of full load at nominal Vin)
150% typ
Short Circuit Protection
Hiccup, automatic recovery
Efficiency
see „Selection Guide“ table
Isolation Voltage
1600VDC min.
Isolation Resistance
1 G
Ω min.
Isolation Capacitance
300pF max.
Operating Frequency
300kHz typ.
Approved to Safety Standards (see Note 9)
UL 1950, EN60950
Operating Temperature Range
Standard
-25°C to +85°C(with derating)
(Reference Derating Curve) (see Note 10)
M1
-40°C to +85°C(non derating)
Maximum Case Temperature
+100°C
Storage Temperature Range
-55°C to +105°C
continued on next page
July-2006
221
www.recom-international.com


Similar Part No. - RP10-1215SEP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-1215SE RECOM-RP10-1215SE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-1215SE RECOM-RP10-1215SE Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
More results

Similar Description - RP10-1215SEP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-2405SEW RECOM-RP10-2405SEW_06 Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
RP15-123.3SF RECOM-RP15-123.3SF_06 Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
   10 Watt 2 x 1 Single and Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
RP10-1233SE RECOM-RP10-1233SE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW Datasheet
99Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com