Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP100-481.8S Datasheet(PDF) 2 Page - Recom International Power

Part # RP100-481.8S
Description  100 Watt Isolated Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP100-481.8S Datasheet(HTML) 2 Page - Recom International Power

  RP100-481.8S Datasheet HTML 1Page - Recom International Power RP100-481.8S Datasheet HTML 2Page - Recom International Power RP100-481.8S Datasheet HTML 3Page - Recom International Power RP100-481.8S Datasheet HTML 4Page - Recom International Power RP100-481.8S Datasheet HTML 5Page - Recom International Power RP100-481.8S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RP100-S_DI
Series
Specifications (refer to the standard application circuit, Ta: 25°C)
INNOLINE
DC/DC-Converter
Input Voltage Range
36-75VDC
48V nom.
Over-Voltage Lockout Start-up Voltage
Dual
76.5V typ.
Over-Voltage Lockout Shuntdown Voltage
Dual
78.5V typ.
Unde-Voltage Lockout Start-up Voltage
Single
34V typ.
Dual
35V typ.
Unde-Voltage Lockout Shuntdown Voltage
Single
32V typ.
Dual
33V typ.
Input Filter (Note 3)
L-C type
Input voltage variation
dv/dt
5V/ms max
(Complies with ETS300 132 part4.4)
Input Surge Voltage 100ms max
Single
100VDC
Start up time
Nominal Vin and constant resistive load Single
25ms typ.
Input Reflected-Ripple Current
Single
20mAp-p
(5Hz to 20Hz, 12µH Source inpedance)
Remote ON/OFF (Note 4)
Single (Positive logic)
ON=Open or 3.0V < Vr < 15V,
IIN=50µA max.
OFF=Short or 0V < Vr < 1.2V,
IIN=1mA max.
Single (Negative logic)
ON=Short or 0V < Vr < 1.2V,
IIN=1mA max.
OFF=Open or 3.0V < Vr < 15V,
IIN=50µA max.
Dual (Positive logic)
ON=Open or 3.0V < Vr < +Vin,
OFF=Short or Vr < 1.2V,
Dual (Negative logic)
ON=Short or 3.0V < Vr < +Vin,
OFF=Open or Vr < 1.2V.
Continuous Output Power
100W max.
Output Voltage Accuracy (full load and nominal Vin)
Single
±1.5%
Dual
±1.0%
Output Voltage Adjustment (Note 1)
Single
+10%, -20%
Dual
±10%
Minimum Load
0%
Line Regulation
low line to high line at full load
See table
Load Regulation
Single 0% to 100%full load
Dual 0% to 100% full load
See table
Dual for each Outputs
Remote Sense (Note 1)
10% of Vout
Ripple and Noise 20MHz bandwidth (Note 2)
100mVp-p
Temperature Coefficient
±0.02%/ºC
Transient Response Recovery Time (25% load step change)
200µs
Over Voltage Protection threshold (Hiccup)
Single & Dual
115% ~ 130% of Vout
2.5V
3.0V
3.3V
3.9V
5V
6.2V
Over Current Protection threshold
110% ~ 140% of Iout Rated
Short Circuit Protection
Hiccup, Automatic recovery
Efficiency (at nominal input voltage, full load)
up to 90%
Continued next page
July-2006
www.recom-international.com
196


Similar Part No. - RP100-481.8S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP100-481.8S RECOM-RP100-481.8S Datasheet
107Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-481.8SB RECOM-RP100-481.8SB Datasheet
96Kb / 4P
   100 Watt Single Output
More results

Similar Description - RP100-481.8S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP100-481.8S RECOM-RP100-481.8S Datasheet
107Kb / 6P
   100 Watt Isolated Single & Dual Output
RP75-481.8S RECOM-RP75-481.8S_06 Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-481.8S RECOM-RP75-481.8S Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com