Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM-D89 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # CAM-D89
Description  Mini Serial Bus Connectors (B TYPE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

CAM-D89 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  CAM-D89 Datasheet HTML 1Page - Mitsumi Electronics, Corp. CAM-D89 Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MITSUMI
USB Series "Mini-AB" Connectors
CAM-E43ASF · E43ADF · E43SDF
1. Ultra-small size realized for 5 pins.
Volume as compared to conventional Mitsumi
product : 1/5
Coupling projection area ratio : 1/4
2. It is the most suitable for connection with PC
peripheral equipment with slim PCs, PDAs,
mobile phones and so on.
3. Utilizes a sequential function that slides power
supply and signal contact connection timing.
4. Couple/decouple reliability ensured for 5,000
times.
5. Weight : 0.6g
6. Supports USB 2.0 (on-the-Go).
Connectors
1. CAM-E43ASF
E43ASF-005-7013A
12
3
1 Series No. (E43ASF)
2 No. of contacts (005 : 5pins)
3 Running No. assigned by us
2. CAM-E43ADF
E43ADF-005-9024A
12
3
1 Series No. (E43ADF)
2 No. of contacts (005 : 5pins)
3 Running No. assigned by us
3. CAM-E43SDF
E43SDF-005-8555A
12
3
1 Series No. (E43SDF)
2 No. of contacts (005 : 5pins)
3 Running No. assigned by us
Rated Voltage
AC 5V (rms)
Rated Current
1.0A
Withstanding Voltage
AC 100V (rms) 1minute
Insulation Resistance
100M
Ω min. (AC500V)
Contact Resistance
50m
Ω max.
ELECTRICAL CHARACTERISTICS
Life (Matching Cycle)
5,000 times
Total Insertion Force
35N (3.57kgf) max.
Total Withdrawal Force
Beginning 7N (0.71kgf) min.
After 5,000 times 3N (0.31kgf) min.
MECHANICAL CHARACTERISTICS
FEATURES
HOW TO ORDER
SPECIFICATIONS
(SMT type)
CAM-E43ASF
(DIP type)
CAM-E43ADF
(DIP with Shield)
CAM-E43SDF


Similar Part No. - CAM-D89

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CAM-D84 MITSUMI-CAM-D84 Datasheet
97Kb / 4P
   Rectangular Connectors
More results

Similar Description - CAM-D89

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
USB-B-P01 YAMAICHI-USB-B-P01 Datasheet
79Kb / 1P
   Universal Serial Bus, Type B - Plug
logo
EXCEL CELL ELECTRONIC C...
ESB3 ECE-ESB3 Datasheet
289Kb / 5P
   UNIVERSAL SERIAL BUS CONNECTORS MINI USB CONNECTOR
logo
Yamaichi Electronics Co...
USB-B-001 YAMAICHI-USB-B-001 Datasheet
170Kb / 3P
   Universal Serial Bus, Type B - 90째 Receptacle
logo
EXCEL CELL ELECTRONIC C...
ESB011 ECE-ESB011 Datasheet
153Kb / 3P
   UNIVERSAL SERIAL BUS CONNECTORS USB CONNECTORS (SUNK-INTO TYPE)
logo
Mill-Max Mfg. Corp.
896 MILL-MAX-896 Datasheet
147Kb / 1P
   MISCELLANEOUS CONNECTORS Mini Universal Serial Bus Surface Mount Sockets
logo
EXCEL CELL ELECTRONIC C...
ESB23 ECE-ESB23 Datasheet
148Kb / 3P
   UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 A TYPE
logo
Mitsumi Electronics, Co...
IAM-G41 MITSUMI-IAM-G41 Datasheet
79Kb / 2P
   Ultra Mini Serial Connectors
logo
EXCEL CELL ELECTRONIC C...
ESB0 ECE-ESB0 Datasheet
259Kb / 5P
   UNIVERSAL SERIAL BUS CONNECTORS USB CONNECTORS
ESB22712 ECE-ESB22712 Datasheet
189Kb / 3P
   UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 MICRO AB TYPE
logo
Kycon, Inc.
KMMX-BSMT35S KYCON-KMMX-BSMT35S Datasheet
463Kb / 1P
   Micro Universal Serial Bus Type B Long Through Hole Shield Tabs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com