Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7-B Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # M7-B
Description  Adjustable Type Coils
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

M7-B Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  M7-B Datasheet HTML 1Page - Mitsumi Electronics, Corp. M7-B Datasheet HTML 2Page - Mitsumi Electronics, Corp. M7-B Datasheet HTML 3Page - Mitsumi Electronics, Corp. M7-B Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MITSUMI
M7-D3
Specifications
(1) 0.1
~40µH
(2) 10
~200MHz
(3) F:±3%
L:±6%
(4) -
(5) 40
~100
M7-M
Specifications
(1) 0.1
~150µH
(2) 1
~200MHz
(3) F:±3%
L:±6%
(4) 10
~120pF
(5) 40
~100
(1) Inductance
(2) Operational frequency
(3) Variable range of F & L
(4) Internal capacitance
(5) Unloaded Q


Similar Part No. - M7-B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
M7-LFR FRONTIER-M7-LFR Datasheet
123Kb / 2P
   1A SURFACE MOUNT RECTIFIER
logo
Dongguan Pingjingsemi T...
M7-PJ PJSEMI-M7-PJ Datasheet
902Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
M7-SMA YFWDIODE-M7-SMA Datasheet
97Kb / 2P
   Surface Mount Standard Rectifiers
logo
Won-Top Electronics
M7-T1 WTE-M7-T1 Datasheet
51Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
M7-T3 WTE-M7-T3 Datasheet
51Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - M7-B

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
K5-S MITSUMI-K5-S Datasheet
182Kb / 4P
   Adjustable Type Coils
logo
List of Unclassifed Man...
9106 ETC1-9106 Datasheet
127Kb / 1P
   SHIELDED ADJUSTABLE RF COILS
logo
Frontier Electronics.
KM721N FRONTIER-KM721N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (SHIELDED)
KM51A FRONTIER-KM51A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM57A FRONTIER-KM57A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM703N FRONTIER-KM703N_15 Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
KM703N FRONTIER-KM703N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KS1383N FRONTIER-KS1383N_15 Datasheet
153Kb / 1P
   7mm ADJUSTABLE IFT COILS (II) (SHIELDED)
KM739N FRONTIER-KM739N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (III) (SHIELDED)
KS1346N FRONTIER-KS1346N_15 Datasheet
123Kb / 1P
   7mm ADJUSTABLE IFT COILS (I) (SHIELDED)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com