Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSX-309 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX-309
Description  SM Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-309 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX-309 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.579545
3.686400
3.840000
4.000000
4.032000
4.096000
4.194304
4.433619
4.608000
4.915200
5.000000
6.000000
6.144000
6.176000
6.553600
6.666667
7.159090
7.372800
7.864320
7.987200
8.000000
8.064000
8.192000
8.388608
8.867237
9.216000
9.600000
9.830400
10.00000
10.24000
10.24500
10.70000
10.75200
11.00000
11.05920
11.28960
12.00000
12.28800
12.50000
12.80000
14.31818
14.40000
14.74560
15.00000
15.36000
16.00000
16.25700
16.38400
16.58880
16.93440
17.73447
18.43200
19.20000
19.66080
20.00000
20.94500
22.11840
24.00000
24.00014
24.57600
25.00000
27.00000
28.63636
29.49120
SM Crystal
GSX-309
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
22 Jul 2002
GSX-309
Option
Codes
Product
Parameters
Product name + option codes + frequency
eg:
GSX-309/551DF 16.0MHz 50/50/10/16-F (standard)
GSX-309/352JF 24.0MHz 30/50/20/30-F
Option code X (eg GSX-309/X) denotes a custom specification.
Available on T&R - 1k pcs per reel.
Ordering Information
ACTUAL SIZE
0.80
0.80
4.60
(max)
SOLDER PAD LAYOUT
1.80
1.70
1.80
1.80
7.60
1.80
TOP VIEW
12
3
4
3.70
(max)
9.50
1.50
1.50
12.50
(max)
4
3
12
Features
« Wide frequency range
« Low profile plastic moulded package
Standard Frequencies
Frequencies in MHz
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Specifications
Frequency range: 3.50 ~ 32.0MHz
Calibration tolerance:
±30ppm
3
±50ppm
5
Temperature stability:
±30ppm
3
±50ppm
5
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
Other values
specify
Operable temperature range:
-40 to +85°C
Storage temperature range:
-55 to +125°C
Circuit condition:
16pF
D
18pF
E
20pF
F
30pF
J
Other values
specify
Oscillation mode:
Fundamental
F
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
200
(3.5 ~ 3.9MHz)
150
(4.0 ~ 5.9MHz)
100
(6.0 ~ 9.9MHz)
50
(10.0 ~ 32.0MHz)
Ageing:
±5ppm max first year
Drive level:
100µW typ
Shock resistance:
±5ppm
Soldering conditions:
240°C, 10sec max


Similar Part No. - GSX-309

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-309 GOLLEDGE-GSX-309 Datasheet
541Kb / 4P
   Plastic Encapsulated SM Crystal
GSX-309 GOLLEDGE-GSX-309_18 Datasheet
541Kb / 4P
   Plastic Encapsulated SM Crystal
More results

Similar Description - GSX-309

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
   SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
   SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
   SM Crystal
CC2A GOLLEDGE-CC2A Datasheet
122Kb / 1P
   SM Crystal
CC2A-T1AH GOLLEDGE-CC2A-T1AH Datasheet
121Kb / 1P
   SM Crystal
GSX-211 GOLLEDGE-GSX-211 Datasheet
167Kb / 2P
   SM Crystal
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
   SM CRYSTAL
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
   SM CRYSTAL
CC1A-T1AH GOLLEDGE-CC1A-T1AH_18 Datasheet
556Kb / 5P
   SM Crystal
GSX1 GOLLEDGE-GSX1 Datasheet
60Kb / 1P
   SM Crystal
GSX7 GOLLEDGE-GSX7 Datasheet
57Kb / 1P
   SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com