Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SBU3157 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SBU3157
Description  Low Voltage SPDT Analog Switch with 2V Undershoot Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SBU3157 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SBU3157_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7SBU3157_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 7: Flatness is defined as the difference between the maximum and minimum value of On Resistance over the specified range of conditions.
Note 8: Guaranteed by Design.
AC Electrical Characteristics
Note 9: Guaranteed by Design.
Note 10: This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay other than the RC delay of the On Resistance of the switch and
the 50 pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Note 11: Off Isolation
20 log10 [VA / VBn]
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tPHL
Propagation Delay
1.65
 1.95
ns
VI OPEN
Figures
2, 3
tPLH
Bus to Bus
2.3
 2.7
1.2
1.2
(Note 10)
3.0
 3.6
0.8
0.8
4.5
 5.5
0.3
0.3
tPZL
Output Enable Time
1.65
 1.95
7.0
23.0
7.0
24.0
ns
Figures
2, 3
tPZH
Turn on Time
2.3
 2.7
3.5
13.0
3.5
14.0
VI 2 x VCC for tPZL
(A to Bn)3.0  3.6
2.5
6.9
2.5
7.6
VI 0V for tPZH
4.5
 5.5
1.7
5.2
1.7
5.7
tPLZ
Output Disable Time
1.65
 1.95
3.0
12.5
3.0
13.0
ns
Figures
2, 3
tPHZ
Turn Off Time
2.3
 2.7
2.0
7.0
2.0
7.5
VI 2 x VCC for tPLZ
(A Port to B Port)
3.0
 3.6
1.5
5.0
1.5
5.3
VI 0V for tPHZ
4.5
 5.5
0.8
3.5
0.8
3.8
tB-M
Break Before Make Time
1.65
 1.95
0.5
0.5
ns
Figure 4
(Note 9)
2.3
 2.7
0.5
0.5
3.0
 3.6
0.5
0.5
4.5
 5.5
0.5
0.5
Q
Charge Injection (Note 9)
5.0
7.0
pC
CL 0.1 nF, VGEN 0V
Figure 5
3.3
3.0
RGEN 0:
OIRR
Off Isolation (Note 11)
1.65
 5.5
57.0
dB
RL 50:
Figure 6
f
10MHz
Xtalk
Crosstalk
1.65
 5.5
54.0
dB
RL 50:
Figure 7
f
10MHz
BW
3dB Bandwidth
1.65
 5.5
250
MHz
RL 50:
Figure
10
THD
Total Harmonic Distortion
50.011
%
RL 600 :
(Note 9)
0.5 VP-P
f
20 Hz to 20 KHz


Similar Part No. - NC7SBU3157_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
More results

Similar Description - NC7SBU3157_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157 Datasheet
127Kb / 10P
   TinyLogic. Low Voltage UHS SPDT Analog Switch with .2V Undershoot Protection
logo
Texas Instruments
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
TS5A623157 TI-TS5A623157 Datasheet
738Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
logo
Fairchild Semiconductor
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384 Datasheet
241Kb / 6P
   20-Bit Low Power Bus Switch with -2V Undershoot Protection
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com