Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ0170RNA Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSQ0170RNA
Description  Green Mode Fairchild Power Switch (FPS??
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0170RNA Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSQ0170RNA Datasheet HTML 3Page - Fairchild Semiconductor FSQ0170RNA Datasheet HTML 4Page - Fairchild Semiconductor FSQ0170RNA Datasheet HTML 5Page - Fairchild Semiconductor FSQ0170RNA Datasheet HTML 6Page - Fairchild Semiconductor FSQ0170RNA Datasheet HTML 7Page - Fairchild Semiconductor FSQ0170RNA Datasheet HTML 8Page - Fairchild Semiconductor FSQ0170RNA Datasheet HTML 9Page - Fairchild Semiconductor FSQ0170RNA Datasheet HTML 10Page - Fairchild Semiconductor FSQ0170RNA Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0170RNA, FSQ0270RNA, FSQ0370RNA Rev. 1.0.1
7
Typical Performance Characteristics (Control Part)
These characteristic graphs are normalized at TA= 25°C.
Figure 4. Operating Frequency (fOSC) vs. TA
Figure 5. Over-Voltage Protection (VOVP) vs. TA
Figure 6. Maximum Duty Cycle (DMAX) vs. TA
Figure 7. Operating Supply Current (IOP) vs. TA
Figure 8. Start Threshold Voltage (VSTART) vs. TA
Figure 9. Stop Threshold Voltage (VSTOP) vs. TA
-25
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]


Similar Part No. - FSQ0170RNA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0170RNA FAIRCHILD-FSQ0170RNA Datasheet
970Kb / 17P
   Green Mode Fairchild Power Switch (FPS??
FSQ0170RNA FAIRCHILD-FSQ0170RNA_07 Datasheet
970Kb / 17P
   Green Mode Fairchild Power Switch (FPS??
FSQ0170RNA FAIRCHILD-FSQ0170RNA_11 Datasheet
442Kb / 17P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSQ0170RNA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com