Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ211 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSQ211
Description  Green Mode Fairchild Power Switch (FPS TM)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ211 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSQ211 Datasheet HTML 1Page - Fairchild Semiconductor FSQ211 Datasheet HTML 2Page - Fairchild Semiconductor FSQ211 Datasheet HTML 3Page - Fairchild Semiconductor FSQ211 Datasheet HTML 4Page - Fairchild Semiconductor FSQ211 Datasheet HTML 5Page - Fairchild Semiconductor FSQ211 Datasheet HTML 6Page - Fairchild Semiconductor FSQ211 Datasheet HTML 7Page - Fairchild Semiconductor FSQ211 Datasheet HTML 8Page - Fairchild Semiconductor FSQ211 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ211 Rev. 1.0.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. TA=25°C unless otherwise specified.
Symbol
Parameter
Value
Unit
VDRAIN
Drain Pin Voltage
650
V
VSTR
Vstr Pin Voltage
650
V
VDG
Drain-Gate Voltage
650
V
VGS
Gate-Source Voltage
±
20
V
VCC
Supply Voltage
20
V
VFB
Feedback Voltage Range
-0.3 to VSTOP
V
PD
Total Power Dissipation
1.40
W
TJ
Operating Junction Temperature
Internally limited
°C
TA
Operating Ambient Temperature
-25 to +85
°C
TSTG
Storage Temperature
-55 to +150
°C
Notes:
1.
Repetitive rating: Pulse width is limited by maximum junction temperature.
2.
L = 24mH, starting TJ = 25°C.
Thermal Impedance
TA=25°C unless otherwise specified.
Symbol
Parameter
Value
Unit
8DIP
θJA
Junction-to-Ambient Thermal Impedance
(3)
89
°C/W
θJC
Junction-to-Case Thermal Impedance
(4)
14
°C/W
Notes:
3.
Free standing with no heatsink; without copper clad. Measurement condition – Just before junction temperature
TJ enters into OTP.
4.
Measured on the DRAIN pin close to plastic interface.
5.
All items are tested with the JEDEC standards: JESD 51-2 and 51-10 (DIP).


Similar Part No. - FSQ211

ManufacturerPart #DatasheetDescription
logo
RFE international
FSQ2W RFE-FSQ2W Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
More results

Similar Description - FSQ211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDH321 FAIRCHILD-FSDH321 Datasheet
914Kb / 20P
   Green Mode Fairchild Power Switch (FPS TM)
FSDM311 FAIRCHILD-FSDM311_06 Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0565RT FAIRCHILD-FSCQ0565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FS7M0880 FAIRCHILD-FS7M0880 Datasheet
1Mb / 18P
   Fairchild Power Switch(FPS TM)
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com