Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R12P212D Datasheet(PDF) 1 Page - Recom International Power

Part # R12P212D
Description  2 Watt SIP 7 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12P212D Datasheet(HTML) 1 Page - Recom International Power

  R12P212D Datasheet HTML 1Page - Recom International Power R12P212D Datasheet HTML 2Page - Recom International Power R12P212D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
64
www.recom-international.com
July-2006
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 7
(VDC)
(VDC)
(mA)
(%)
RxxP23.3S
5, 9, 12, 15, 24
3.3
600
70
RxxP205S
5, 9, 12, 15, 24
5
400
70-75
RxxP209S
5, 9, 12, 15, 24
9
222
70-75
RxxP212S
5, 9, 12, 15, 24
12
167
70-75
RxxP215S
5, 9, 12, 15, 24
15
132
75-80
RxxP23.3D
5, 9, 12, 15, 24
±3.3
±300
70
RxxP205D
5, 9, 12, 15, 24
±5
±200
70-75
RxxP209D
5, 9, 12, 15, 24
±9
±111
70-75
RxxP212D
5, 9, 12, 15, 24
±12
±85
70-75
RxxP215D
5, 9, 12, 15, 24
±15
±66
75-80
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g. R05P205S/P, R05P205D/P
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
Specifications
(measured at TA = 25°C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3, 5V output types
15% max.
(10% to 100% full load)
other output types
10% max.
Output Ripple and Noise (20MHz BW)
200mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
65% min. / 80% max.
No Load Power Consumption
148mW min. / 220mW typ. / 355mW max.
Isolation Voltage
(tested for 1 minute)
5200VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
1.5pF min. / 10pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
4.3g
continued on next page
2 Watt
SIP 7
Single
& Dual
Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RxxP2xx
S_D
Series
EN 60950 certified, rated for 250VAC
UL-60950-1 / CSA C22.2 certified
5.2kVDC Isolation for 1 Minute
Optional Continuous Short Circuit Protected
Wide Operating Temperature Range at
full 2 Watts Load, –40°C to +85°C
Twin Chamber Transformer System
UL94V-0 Package Material
Efficiency to 80%
Features
Unregulated
Converters
The RxxP2xxS_D Series of DC/DC Converters are fully certified to EN 60950/ UL-60950-1 and CSA C22.2.
This makes them ideal for all telecom and safety applications where approved isolation is required.
Description
EN-60950-1 Certified
UL-60950-1 Pending
EN-60601-1 Certified


Similar Part No. - R12P212D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R12P21503D RECOM-R12P21503D Datasheet
524Kb / 6P
   2 Watt SIP7 for SiC and IGBT Application`s
R12P21509D RECOM-R12P21509D Datasheet
524Kb / 6P
   2 Watt SIP7 for SiC and IGBT Application`s
More results

Similar Description - R12P212D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP-053.3S RECOM-RP-053.3S_06 Datasheet
107Kb / 3P
   1 Watt SIP 7 Single & Dual Output
R05P3.3S RECOM-R05P3.3S Datasheet
106Kb / 3P
   1 Watt SIP 7 Single & Dual Output
RXXPXX RECOM-RXXPXX Datasheet
161Kb / 2P
   1 Watt SIP 7 Single & Dual Output
RBM-1.81.8S RECOM-RBM-1.81.8S_06 Datasheet
104Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
   2 Watt SMD Single & Dual Output
RTS-053.3 RECOM-RTS-053.3_06 Datasheet
109Kb / 3P
   2 Watt SMD Single & Dual Output
RTS-123.3 RECOM-RTS-123.3 Datasheet
97Kb / 3P
   2 Watt SMD Single & Dual Output
RKZ RECOM-RKZ_10 Datasheet
146Kb / 3P
   2 Watt SIP7 Single & Dual Output
logo
List of Unclassifed Man...
R2S-0505P ETC2-R2S-0505P Datasheet
140Kb / 4P
   2 Watt SMD Single Dual Output
logo
Recom International Pow...
R2S-R2D RECOM-R2S-R2D Datasheet
139Kb / 4P
   2 Watt SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com