Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXL4TD245BQX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FXL4TD245BQX
Description  Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXL4TD245BQX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FXL4TD245BQX Datasheet HTML 1Page - Fairchild Semiconductor FXL4TD245BQX Datasheet HTML 2Page - Fairchild Semiconductor FXL4TD245BQX Datasheet HTML 3Page - Fairchild Semiconductor FXL4TD245BQX Datasheet HTML 4Page - Fairchild Semiconductor FXL4TD245BQX Datasheet HTML 5Page - Fairchild Semiconductor FXL4TD245BQX Datasheet HTML 6Page - Fairchild Semiconductor FXL4TD245BQX Datasheet HTML 7Page - Fairchild Semiconductor FXL4TD245BQX Datasheet HTML 8Page - Fairchild Semiconductor FXL4TD245BQX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXL4TD245 Rev. 1.0.4
4
DC Electrical Characteristics
Symbol
Parameter
Conditions
VCCI (V) VCCO (V)
Min.
Max.
Units
VIH
High Level Input
Voltage(3)
Data Inputs An, Bn
2.7–3.6
1.1–3.6
2.0
V
2.3–2.7
1.6
1.65–2.3
0.65 x VCCI
1.4–1.65
0.65 x VCCI
1.1–1.4
0.9 x VCCI
Control Pins OE, T/Rn
(Referenced to VCCA)
2.7–3.6
1.1–3.6
2.0
2.3–2.7
1.6
1.65–2.3
0.65 x VCCA
1.4–1.65
0.65 x VCCA
1.1–1.4
0.9 x VCCA
VIL
Low Level Input
Voltage(3)
Data Inputs An, Bn
2.7–3.6
1.1–3.6
0.8
V
2.3–2.7
0.7
1.65–2.3
0.35 x VCCI
1.4–1.65
0.35 x VCCI
1.1–1.4
0.1 x VCCI
Control Pins OE, T/Rn
(Referenced to VCCA)
2.7–3.6
1.1–3.6
0.8
2.3–2.7
0.7
1.65–2.3
0.35 x VCCA
1.4–1.65
0.35 x VCCA
1.1–1.4
0.1 x VCCA
VOH
High Level Output
Voltage(4)
IOH = −100µA
1.1–3.6
1.1–3.6
VCC0–0.2
V
IOH = −12mA
2.7
2.7
2.2
IOH = −18mA
3.0
3.0
2.4
IOH = −24mA
3.0
3.0
2.2
IOH = −6mA
2.3
2.3
2.0
IOH = −12mA
2.3
2.3
1.8
IOH = −18mA
2.3
2.3
1.7
IOH = −6mA
1.65
1.65
1.25
IOH = −2mA
1.4
1.4
1.05
IOH = −0.5mA
1.1
1.1
0.75 x VCC0
VOL
Low Level Output
Voltage(4)
IOL = 100µA
1.1–3.6
1.1- 3.6
0.2
V
IOL = 12mA
2.7
2.7
0.4
IOL = 18mA
3.0
3.0
0.4
IOL = 24mA
3.0
3.0
0.55
IOL =12mA
2.3
2.3
0.4
IOL = 18mA
2.3
2.3
0.6
IOL = 6mA
1.65
1.65
0.3
IOL = 2mA
1.4
1.4
0.35
IOL = 0.5mA
1.1
1.1
0.3 x VCC0
II
Input Leakage
Current. Control
Pins
VI = VCCA or GND
1.1–3.6
3.6
±1.0
µA


Similar Part No. - FXL4TD245BQX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXL4TD245BQX ONSEMI-FXL4TD245BQX Datasheet
657Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Signal Translator
August 2009 Rev. 1.0.6
More results

Similar Description - FXL4TD245BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXL4T245 FAIRCHILD-FXL4T245 Datasheet
519Kb / 9P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL2T245 FAIRCHILD-FXL2T245 Datasheet
357Kb / 9P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXLA0104 FAIRCHILD-FXLA0104 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
FXL2TD245 FAIRCHILD-FXL2TD245 Datasheet
747Kb / 12P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com