Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7808E Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # KA7808E
Description  3-Terminal 1A Positive Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7808E Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button KA7808E Datasheet HTML 3Page - Fairchild Semiconductor KA7808E Datasheet HTML 4Page - Fairchild Semiconductor KA7808E Datasheet HTML 5Page - Fairchild Semiconductor KA7808E Datasheet HTML 6Page - Fairchild Semiconductor KA7808E Datasheet HTML 7Page - Fairchild Semiconductor KA7808E Datasheet HTML 8Page - Fairchild Semiconductor KA7808E Datasheet HTML 9Page - Fairchild Semiconductor KA7808E Datasheet HTML 10Page - Fairchild Semiconductor KA7808E Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
www.fairchildsemi.com
KA78XXE/KA78XXAE Rev. 1.0.1
Electrical Characteristics (KA7810E) (Continued)
Refer to test circuit, 0°C < TJ < 125°C, IO = 500mA, VI = 16V, CI = 0.33µF, CO = 0.1µF, unless otherwise specified.
Notes:
9. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
10. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
KA7810E
Unit
Min.
Typ.
Max.
VO
Output Voltage
TJ = +25°C
9.6
10.0
10.4
V
5mA
≤ IO ≤ 1A, PO ≤ 15W
VI = 12.5V to 25V
9.5
10.0
10.5
Regline
Line Regulation(9)
TJ = +25°CVI = 12.5V to 25V
10.0
200
mV
VI = 13V to 25V
3.0
100
Regload
Load Regulation(9)
TJ = +25°CIO = 5mA to 1.5A
12.0
200
mV
IO = 250mA to 750mA
4.0
400
IQ
Quiescent Current
TJ = +25°C–
5.1
8.0
mA
∆IQ
Quiescent Current Change
IO = 5mA to 1A
0.5
mA
VI = 12.5V to 29V
1.0
∆VO/∆T
Output Voltage Drift(10)
IO = 5mA
-1.0
mV/
°C
VN
Output Noise Voltage
f = 10Hz to 100kHz, TA = +25°C–
58.0
µV/Vo
RR
Ripple Rejection(10)
f = 120Hz
VO = 13V to 23V
56.0
71.0
dB
VDrop
Dropout Voltage
IO = 1A, TJ = +25°C–
2.0
V
rO
Output Resistance(10)
f = 1kHz
17.0
m
ISC
Short Circuit Current
VI = 35V, TA = +25°C–
250
mA
IPK
Peak Current(10)
TJ = +25°C–
2.2
A


Similar Part No. - KA7808E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7808E FAIRCHILD-KA7808E Datasheet
254Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
KA7808E FAIRCHILD-KA7808E Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7808ER FAIRCHILD-KA7808ER Datasheet
254Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
KA7808ER FAIRCHILD-KA7808ER Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7808ERTM FAIRCHILD-KA7808ERTM Datasheet
2Mb / 26P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - KA7808E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com