Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEP09N7A Datasheet(PDF) 3 Page - Chino-Excel Technology

Part # CEP09N7A
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEP09N7A Datasheet(HTML) 3 Page - Chino-Excel Technology

  CEP09N7A Datasheet HTML 1Page - Chino-Excel Technology CEP09N7A Datasheet HTML 2Page - Chino-Excel Technology CEP09N7A Datasheet HTML 3Page - Chino-Excel Technology CEP09N7A Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CEP09N7A/CEB09N7A
CEF09N7A
3
VDS, Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
VDS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
TJ, Junction Temperature( C)
Figure 5. Gate Threshold Variation
with Temperature
3.0
2.5
2.0
1.5
1.0
0.5
0.0
V
GS=10V
I
D=8A
-100
-50
0
50
100
150
200
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
V
DS=VGS
I
D=250µA
-50
-25
0
25
50
75
100
125
150
VSD, Body Diode Forward Voltage (V)
Figure 6. Body Diode Forward Voltage
Variation with Source Current
TJ, Junction Temperature( C)
Figure 4. On-Resistance Variation
with Temperature
12
8
6
4
2
0
0
3
6
12
V
GS=5V
V
GS=6V
9
10
V
GS=10,9,8,7V
Ciss
Coss
Crss
2400
2000
1600
1200
800
400
0
0
5
10
15
20
25
0.4
0.7
1.0
1.3
1.7
2.0
10
0
10-1
10
1
V
GS=0V
1
2
3
4
6
5
12
10
-55 C
25 C
2
4
6
8
0
T
J=125C


Similar Part No. - CEP09N7A

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEP09N7G CET-CEP09N7G Datasheet
402Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEP09N7G CET-MOS-CEP09N7G Datasheet
652Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2009.Jan
More results

Similar Description - CEP09N7A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com