Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC125N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HC125N
Description  3-STATE Quad Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC125N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HC125N Datasheet HTML 1Page - Fairchild Semiconductor MM74HC125N Datasheet HTML 2Page - Fairchild Semiconductor MM74HC125N Datasheet HTML 3Page - Fairchild Semiconductor MM74HC125N Datasheet HTML 4Page - Fairchild Semiconductor MM74HC125N Datasheet HTML 5Page - Fairchild Semiconductor MM74HC125N Datasheet HTML 6Page - Fairchild Semiconductor MM74HC125N Datasheet HTML 7Page - Fairchild Semiconductor MM74HC125N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 45 pF, tr = tf = 6 ns
AC Electrical Characteristics
VCC = 2.0V to 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC
2f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Limit
Units
tPHL, tPLH
Maximum
13
18
ns
Propagation Delay Time
tPZH
Maximum
RL = 1 kΩ
13
25
ns
Output Enable Time to HIGH Level
tPHZ
Maximum
RL = 1 kΩ
17
25
ns
Output Disable Time from HIGH Level
CL = 5 pF
tPZL
Maximum
RL = 1 kΩ
18
25
ns
Output Enable Time to LOW Level
tPLZ
Maximum
RL = 1 kΩ
13
25
ns
Output Disable Time from LOW Level
CL = 5 pF
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −40 to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Propagation
2.0V
40
100
125
150
ns
Delay Time
4.5V
14
20
25
30
ns
6.0V
12
17
21
25
ns
tPLH, tPHL Maximum Propagation
CL = 150 pF
2.0V
35
130
163
195
ns
Delay Time
4.5V
14
26
33
39
ns
6.0V
12
22
28
39
ns
tPZH, tPZL Maximum Output
RL = 1 kΩ
2.0V
25
125
156
188
ns
Enable Time
4.5V
14
25
31
38
ns
6.0V
12
21
26
31
ns
tPHZ, tPLZ Maximum Output
RL = 1 kΩ
2.0V
25
125
156
188
ns
Disable Time
4.5V
14
25
31
38
ns
6.0V
12
21
26
31
ns
tPZL, tPZH Maximum Output
CL = 150 pF
2.0V
35
140
175
210
ns
Enable Time
RL = 1 kΩ
4.5V
15
28
35
42
ns
6.0V
13
24
30
36
ns
tTLH, tTHL Maximum Output
CL = 50 pF
2.0V
30
60
75
90
ns
Rise and Fall Time
4.5V
7
12
15
18
ns
6.0V
6
10
13
15
ns
CIN
Input Capacitance
5
10
10
10
pF
COUT
Output Capacitance Outputs
15
20
20
20
pF
CPD
Power Dissipation
(per gate)
Capacitance (Note 5)
Enabled
45
pF
Disabled
6
pF


Similar Part No. - MM74HC125N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC125N FAIRCHILD-MM74HC125N Datasheet
82Kb / 6P
   3-STATE Quad Buffers
MM74HC125N FAIRCHILD-MM74HC125N Datasheet
335Kb / 10P
   3-STATE Quad Buffers
Rev. 1.3.0
logo
ON Semiconductor
MM74HC125N ONSEMI-MM74HC125N Datasheet
238Kb / 9P
   3-STATE Quad Buffers
February 2008 Rev. 1.3.0
More results

Similar Description - MM74HC125N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F125 PHILIPS-74F125 Datasheet
77Kb / 10P
   Quad buffers 3-State
1989 March 28
logo
ON Semiconductor
MM74HC125 ONSEMI-MM74HC125 Datasheet
238Kb / 9P
   3-STATE Quad Buffers
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC125 FAIRCHILD-MM74HC125 Datasheet
82Kb / 6P
   3-STATE Quad Buffers
logo
Motorola, Inc
SN54LS125A MOTOROLA-SN54LS125A Datasheet
158Kb / 5P
   QUAD 3-STATE BUFFERS
MC54F125 MOTOROLA-MC54F125 Datasheet
131Kb / 5P
   3-STATE QUAD BUFFERS
logo
Fairchild Semiconductor
MM74HC126 FAIRCHILD-MM74HC126_08 Datasheet
335Kb / 10P
   3-STATE Quad Buffers
Rev. 1.3.0
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
STMicroelectronics
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com